Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT05MS004N Datasheet(PDF) 17 Page - NXP Semiconductors

Part # AFT05MS004N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT05MS004N Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button AFT05MS004N Datasheet HTML 13Page - NXP Semiconductors AFT05MS004N Datasheet HTML 14Page - NXP Semiconductors AFT05MS004N Datasheet HTML 15Page - NXP Semiconductors AFT05MS004N Datasheet HTML 16Page - NXP Semiconductors AFT05MS004N Datasheet HTML 17Page - NXP Semiconductors AFT05MS004N Datasheet HTML 18Page - NXP Semiconductors AFT05MS004N Datasheet HTML 19Page - NXP Semiconductors AFT05MS004N Datasheet HTML 20Page - NXP Semiconductors AFT05MS004N Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AFT05MS004NT1
17
RF Device Data
Freescale Semiconductor, Inc.
350–520 MHz UHF BROADBAND REFERENCE CIRCUIT
Zo =5 
Zload
f = 520 MHz
f = 350 MHz
f = 350 MHz
f = 520 MHz
Zsource
VDD =7.5 Vdc, IDQ =50 mA, Pout =4 W
f
MHz
Zsource
Zload
350
2.27 - j1.72
3.55 + j1.20
360
2.41 - j1.91
3.61 + j0.92
370
2.55 - j2.11
3.66 + j0.64
380
2.68 - j2.31
3.71 + j0.36
390
2.74 - j2.38
3.71 + j0.15
400
2.76 - j2.36
3.69 + j0.02
410
2.77 - j2.35
3.66 + j0.18
420
2.78 - j2.35
3.67 + j0.34
430
2.78 - j2.43
3.82 + j0.48
440
2.79 - j2.50
3.97 + j0.62
450
2.79 - j2.57
4.13 + j0.76
460
2.44 - j2.70
4.00 + j0.95
470
2.02 - j2.84
3.80 + j1.15
480
1.59 - j2.98
3.61 + j1.36
490
1.37 - j3.20
3.53 + j1.46
500
1.45 - j3.53
3.62 + j1.41
510
1.52 - j3.86
3.71 + j1.36
520
1.60 - j4.19
3.80 + j1.31
Zsource = Test circuit impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Figure 20. UHF Broadband Series Equivalent Source and Load Impedance — 350–520 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com