Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF5017HS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF5017HS
Description  RF Power GaN Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5017HS Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF5017HS Datasheet HTML 1Page - NXP Semiconductors MMRF5017HS Datasheet HTML 2Page - NXP Semiconductors MMRF5017HS Datasheet HTML 3Page - NXP Semiconductors MMRF5017HS Datasheet HTML 4Page - NXP Semiconductors MMRF5017HS Datasheet HTML 5Page - NXP Semiconductors MMRF5017HS Datasheet HTML 6Page - NXP Semiconductors MMRF5017HS Datasheet HTML 7Page - NXP Semiconductors MMRF5017HS Datasheet HTML 8Page - NXP Semiconductors MMRF5017HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
RF Device Data
NXP Semiconductors
MMRF5017HS
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
125
Vdc
Gate--Source Voltage
VGS
–8, 0
Vdc
Operating Voltage
VDD
0to+55
Vdc
Maximum Forward Gate Current @ TC =25C
IGMAX
24
mA
Storage Temperature Range
Tstg
– 65to+150
C
Case Operating Temperature Range
TC
– 55to+150
C
Operating Junction Temperature Range
TJ
– 55to+225
C
Absolute Maximum Channel Temperature (1)
TMAX
350
C
Total Device Dissipation @ TC =25C
Derate above 25C
PD
154
0.77
W
W/C
Table 2. Thermal Characteristics
Characteristic (2)
Symbol
Value
Unit
Thermal Resistance by Infrared Measurement, Active Die Surface--to--Case
CW: Case Temperature 81C, 80 W CW, 50 Vdc, IDQ = 200 mA, 940 MHz
RJC (IR)
1.3 (3)
C/W
Thermal Resistance by Finite Element Analysis, Channel--to--Case
Case Temperature 90C, PD =96 W
RCHC
(FEA)
1.77 (4)
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JS--001--2017)
2, passes 2500 V
Charge Device Model (per JS--002--2014)
II, passes 200 V
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain--Source Breakdown Voltage
(VGS =–8 Vdc, ID =20 mAdc)
V(BR)DSS
150
—
—
Vdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =20 mAdc)
VGS(th)
–3.8
–3.0
–2.3
Vdc
Gate Quiescent Voltage
(VDD =48 Vdc, ID = 200 mAdc, Measured in Functional Test)
VGS(Q)
–3.6
–3.1
–2.3
Vdc
Gate--Source Leakage Current
(VDS =0 Vdc, VGS =–5 Vdc)
IGSS
–7.5
—
—
mAdc
Table 5. Ordering Information
Device
Tape and Reel Information
Package
MMRF5017HSR5
R5 Suffix = 50 Units, 32 mm Tape Width, 13--inch Reel
NI--400S--2S
1. Reliability tests were conducted at 225C. Operation with TMAX at 350C will reduce median time to failure.
2. Characterized in 30–940 MHz reference circuit at 940 MHz and 80 W CW output power.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
4. RCHC (FEA) must be used for purposes related to reliability and limitations on maximum channel temperature. MTTF may be estimated by
the expression MTTF (hours) = 10[A + B/(T + 273)], where T is the channel temperature in degrees Celsius, A = –10.3 and B = 8260.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com