Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF5017HS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF5017HS
Description  RF Power GaN Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5017HS Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF5017HS Datasheet HTML 1Page - NXP Semiconductors MMRF5017HS Datasheet HTML 2Page - NXP Semiconductors MMRF5017HS Datasheet HTML 3Page - NXP Semiconductors MMRF5017HS Datasheet HTML 4Page - NXP Semiconductors MMRF5017HS Datasheet HTML 5Page - NXP Semiconductors MMRF5017HS Datasheet HTML 6Page - NXP Semiconductors MMRF5017HS Datasheet HTML 7Page - NXP Semiconductors MMRF5017HS Datasheet HTML 8Page - NXP Semiconductors MMRF5017HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
RF Device Data
NXP Semiconductors
MMRF5017HS
30–940 MHz WIDEBAND REFERENCE CIRCUIT — 2.0 5.0 (5.1 cm  12.7 cm)
Figure 2. MMRF5017HS Wideband Reference Circuit Component Layout — 30–940 MHz
*C1, C2, C3, C4, C7, C9, C11, C12, C13, C14, C16, C17, C18 and C19 are mounted vertically.
L1
C2*
C17*
T1
T2
Q1
C1*
D103193
Rev. 0
R1
L2
C6
C3*
C4*
C7*
C8
C9*
J1
C10
C11*
R3
L3
L4
L7
L6
C16*
C18*
L5
C5
R4
R2
C15
C12*
C19*
C13* C14*
aaa-030768
Table 6. MMRF5017HS Wideband Reference Circuit Component Designations and Values — 30–940 MHz
Part
Description
Part Number
Manufacturer
C1
1500 pF Chip Capacitor
ATC700B152JT50XT
ATC
C2
100 pF Chip Capacitor
ATC800B101JT500XT
ATC
C3, C7
39 pF Chip Capacitor
ATC800B390JT500XT
ATC
C4
680 pF Chip Capacitor
ATC800B681JT50XT
ATC
C5, C8
2.2 F Chip Capacitor
C3225X7R2A225KT
TDK
C6
22 F, 25 V Tantalum Capacitor
TPSD226M025R0200
AVX
C9
0.1 F Chip Capacitor
C1206C104K1RACTU
Kemet
C10
220 F, 100 V Electrolytic Capacitor
EEV--FK2A221M
Panasonic–ECG
C11
220 pF Chip Capacitor
ATC100B221JT200XT
ATC
C12
2.2 pF Chip Capacitor
ATC800B2R2BT500XT
ATC
C13, C14, C19
5.6 pF Chip Capacitor
ATC800B5R6CT500XT
ATC
C15
10 pF Chip Capacitor
ATC800B100JT500XT
ATC
C16, C18
470 pF Chip Capacitor
ATC800B471JT200XT
ATC
C17
330 pF Chip Capacitor
ATC800B331JT200XT
ATC
J1
#16 AWG, Magnetic Wire, Length = 2.5
8074
Belden
L1
270 nH Inductor
0603AF--271XJRU
Coilcraft
L2
422 nH inductor
132--18SMJL
Coilcraft
L3
240 nH Inductor
0603AF--241XJRU
Coilcraft
L4, L5, L6, L7
1.3 H Inductor
4310LC--132KE
Coilcraft
Q1
RF Power GaN Transistor
MMRF5017HS
NXP
R1
51 , 1/2 W Chip Resistor
CRCW201051R0JNEF
Vishay
R2
10 , 1/4 W Chip Resistor
CRCW080510R0FKEA
Vishay
R3, R4
100 , 4 W Chip Resistor
CW12010T0100GBK
ATC
T1, T2
High Power Transformer, 30–1000 MHz, 50  to 12.5 
XMT0310B5012
Anaren
PCB
Shengyi S1000--2, 0.031, r =4.8
D103193
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com