Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFT09S282N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # AFT09S282N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S282N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button AFT09S282N Datasheet HTML 5Page - NXP Semiconductors AFT09S282N Datasheet HTML 6Page - NXP Semiconductors AFT09S282N Datasheet HTML 7Page - NXP Semiconductors AFT09S282N Datasheet HTML 8Page - NXP Semiconductors AFT09S282N Datasheet HTML 9Page - NXP Semiconductors AFT09S282N Datasheet HTML 10Page - NXP Semiconductors AFT09S282N Datasheet HTML 11Page - NXP Semiconductors AFT09S282N Datasheet HTML 12Page - NXP Semiconductors AFT09S282N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AFT09S282NR3
9
RF Device Data
Freescale Semiconductor, Inc.
P3dB -- TYPICAL LOAD PULL CONTOURS — 940 MHz
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Figure 14. P3dB Load Pull Output Power Contours (dBm)
--4
1
REAL (Ω)
--1
--2
0
14
5
6
07
Figure 15. P3dB Load Pull Efficiency Contours (%)
REAL (Ω)
Figure 16. P3dB Load Pull Gain Contours (dB)
REAL (Ω)
Figure 17. P3dB Load Pull AM/PM Contours (°)
REAL (Ω)
Power Gain
Drain Efficiency
Linearity
Output Power
--3
P
E
52
16
3
2
--4
1
--1
--2
0
14
5
6
07
--3
P
E
3
2
--4
1
--1
--2
0
14
5
6
07
--3
P
56
56.5
E
3
2
--4
1
--1
--2
0
14
5
6
07
--3
P
E
3
2
--4
1
--1
--2
0
14
5
6
07
--3
P
--10
E
3
2
54
56
58
60
62
64
66
68
16.5
17
18
18.5
19
20
--14
--8
--6
55.5
55
17.5
19.5
--12
--16
--18
--20
--22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com