Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE709 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE709
Description  Integrated Circuit TV/FM Sound IF Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE709 Datasheet(HTML) 1 Page - NTE Electronics

  NTE709 Datasheet HTML 1Page - NTE Electronics NTE709 Datasheet HTML 2Page - NTE Electronics NTE709 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE709
Integrated Circuit
TV/FM Sound IF Amplifier
Description:
The NTE709 is a monolithic integrated circuit in a 14–Lead DIP type package providing a multi–stage
wideband amplifier/limiter, an FM quadrature detector, and an emitter–follower audio output stage
and is designed for use in FM receivers or in sound IF of TV receivers.
Features:
D Good Sensitivity
D Excellent AM Rejection
D Low Harmonic Distortion
D Single–Adjustment Timing
D High gain to 50MHz
D 500mV Recovered Audio at 10.7MHz
D Wide Operating Voltage Range
Absolute Maximum Ratings:
Supply Voltage, VCC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Power Dissipation, PD
670mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above +70
°C
8.3mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Static Electrical Characteristics: (VCC = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
ICC
12
17
27
mA
Terminal Voltage
V1
4.3
5.0
6.3
V
V2
–
3.65
–
V
V6
–
1.45
–
V
V9
–
1.5
–
mV
V10
–
1.45
–
V


Similar Part No. - NTE709

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7090 NTE-NTE7090 Datasheet
20Kb / 2P
Variable Output Voltage Regulator (Dual Tracking Type)
NTE7091 NTE-NTE7091 Datasheet
21Kb / 2P
Integrated Circuit Dual, Bi-Directional Motor Driver
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
Integrated Circuit Hybrid Voltage Regulator
NTE7093 NTE-NTE7093 Datasheet
24Kb / 3P
Integrated Circuit Hybrid Voltage Regulator
NTE7094 NTE-NTE7094 Datasheet
24Kb / 3P
Integrated Circuit Hybrid Voltage Regulator
More results

Similar Description - NTE709

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp & FM Detector
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
Integrated Circuit TV Video IF, Sound IF
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
Integrated Circuit B/W TV Sound IF Amplifier
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
Integrated Circuit TV/FM Sound IF Detector
logo
Samsung semiconductor
KA2101 SAMSUNG-KA2101 Datasheet
175Kb / 5P
LINEAR INTEGRATED CIRCUIT(TV SOUND IF AMPLIFIER)
logo
Panasonic Semiconductor
AN5220 PANASONIC-AN5220 Datasheet
114Kb / 3P
TV SOUND IF AMPLIFIER FM DETECTOR CIRCUITS
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
TV Sound-IF Amplifier, FM Detector IC
logo
NTE Electronics
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
Integrated Circuit TV Sound IF System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com