Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE709 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE709
Description  Integrated Circuit TV/FM Sound IF Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE709 Datasheet(HTML) 2 Page - NTE Electronics

  NTE709 Datasheet HTML 1Page - NTE Electronics NTE709 Datasheet HTML 2Page - NTE Electronics NTE709 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Static Electrical Characteristics (Cont’d): (VCC = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Detector Output Resistance
R1
–
200
–
Ω
IF Input Resistance
R4
–
5.0
–
k
Ω
IF Output Resistance
R10
–
60
–
Ω
Detector Input Resistance
R12
–
70
–
k
Ω
De–Emphasis Resistance
R14
6
9
12
k
Ω
IF Input Capacitance
C4
–
11
–
pF
Detector Input Capacitance
C12
–
2.7
–
pF
Dynamic Characteristics: (VCC = 12V, TA = +25°C, fo = 10.7MHz, fm = 400Hz, ∆f = ±75kHz,
Peak Separation = 550kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Amplifier Voltage Gain
Ae
Vin ≤ 300µVrms
–
53
–
dB
Amplifier Output Voltage
Vout
Vin = 10mVrms
–
1.45
–
VP–P
Input Limiting Threshold
VTH
Note 1
–
400
800
µVrms
Recovered Audio Output
Vout
V12 = 60mVrms
–
500
–
mVrms
Total Harmonic Distortion
THD
100% FM Modulation
–
1.0
–
%
AM Rejection
AMR
Vin = 10mVrms, Note 2
–
40
–
dB
Note 1. The input limiting threshold is the FM input voltage for a recovered audio output which is 3dB
less than the recovered audio for an FM input voltage of 200mVrms.
Note 2. The amplitude modulation rejection is determined by:
AMRdB = 20 log Vout for 100% FM Vin / Vout for 30% AM Vin
VCC
1
2
3
4
Detector Output
Reference
N.C.
IF Input
5
Decoupling
6
IF Input Ref
7
GND
14
13
12
11
De–Emphasis
Det Input
Test Point
10 Amplifier Output
9
Amplifier Low Output
8
N.C.
Pin Connection Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com