Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07308 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07308
Description  SAW Filter 60.0MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07308 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07308 Datasheet HTML 1Page - Golledge Electronics Ltd MA07308 Datasheet HTML 2Page - Golledge Electronics Ltd MA07308 Datasheet HTML 3Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 60.0MHz
Model: TB0224A
Part No: MA07308
REV. NO.: 1
TB0224A v1
1
A. MAXIMUM RATING:
1. Input Power Level:10 dBm
2. Operating Temperature: -40°C to 85°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
-
60.2
-
Minimum Insertion Loss, IL
dB
-
9.8
12
Amplitude Ripple (58.26~61.74MHz), AR
MHz
-
0.8
1.2
Group delay ripple (58~72MHz), GDR
ns
-
110
150
Phase Linearity, PL
deg
3
10
1dB Bandwidth
MHz
4.35
5.4
3dB Bandwidth
MHz
5
6
Relative attenuation (relative to min. IL)
-
10 MHz ~ 52 MHz
dB
40
47
-
68MHz ~ 110 MHz
dB
37
42
-
Temperature coefficient of frequency
ppm/
C
-94
-
C. MEASUREMENT CIRCUIT:
Input L1=220nH, C1=15pF
Output L2=180nH, C2=22pF
K
E


Similar Part No. - MA07308

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07326 GOLLEDGE-MA07326 Datasheet
68Kb / 5P
SAW Filter 1086.0MHz
MA07336 GOLLEDGE-MA07336 Datasheet
329Kb / 6P
SAW Filter 940.50MHz
MA07340 GOLLEDGE-MA07340 Datasheet
66Kb / 5P
SAW Filter 1330.0MHz
MA07350 GOLLEDGE-MA07350 Datasheet
166Kb / 5P
SAW Filter 810.0MHz
MA07352 GOLLEDGE-MA07352 Datasheet
167Kb / 6P
SAW Filter 1950.0MHz
More results

Similar Description - MA07308

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-10 OSCILENT-813-SL60.0M-10 Datasheet
120Kb / 4P
60.0MHz IF SAW Filter 23.55MHz Bandwidth
813-SL60.0M-10B OSCILENT-813-SL60.0M-10B Datasheet
459Kb / 6P
60.0MHz IF SAW Filter 10.20MHz Bandwidth
813-SL60.0M-22A OSCILENT-813-SL60.0M-22A Datasheet
211Kb / 6P
60.0MHz IF SAW Filter 22.37MHz Bandwidth
835-IF60.0M-19A OSCILENT-835-IF60.0M-19A Datasheet
213Kb / 6P
60.0MHz IF SAW Filter 19.25 MHz Bandwidth
835-IF60.0M-19B OSCILENT-835-IF60.0M-19B Datasheet
213Kb / 6P
60.0MHz IF SAW Filter 19.50 MHz Bandwidth
813-SL60.0M-11 OSCILENT-813-SL60.0M-11_14 Datasheet
233Kb / 6P
60.0MHz IF SAW Filter 12.0MHz Bandwidth
logo
Golledge Electronics Lt...
MP03220 GOLLEDGE-MP03220 Datasheet
55Kb / 6P
SAW Filter 60.0MHz
MP03387 GOLLEDGE-MP03387 Datasheet
117Kb / 7P
SAW Filter 60.0MHz
MP03407 GOLLEDGE-MP03407 Datasheet
125Kb / 7P
SAW Filter 60.0MHz
logo
Transko Electronics, In...
TA06009AD TRANSKO-TA06009AD Datasheet
668Kb / 4P
60.0MHz IF SAW Filter / 9.30MHz MHz Bandwidth
Revision 0: 18. Jan. 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com