Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1802RGTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTR
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802RGTR Datasheet(HTML) 4 Page - Texas Instruments

  CDCM1802RGTR Datasheet HTML 1Page - Texas Instruments CDCM1802RGTR Datasheet HTML 2Page - Texas Instruments CDCM1802RGTR Datasheet HTML 3Page - Texas Instruments CDCM1802RGTR Datasheet HTML 4Page - Texas Instruments CDCM1802RGTR Datasheet HTML 5Page - Texas Instruments CDCM1802RGTR Datasheet HTML 6Page - Texas Instruments CDCM1802RGTR Datasheet HTML 7Page - Texas Instruments CDCM1802RGTR Datasheet HTML 8Page - Texas Instruments CDCM1802RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control pin settings
The CDCM1802 has three control pins, S0, S1, and the enable pin (EN) to select different output mode settings.
All three inputs (S0, S1, EN) are 3-level inputs. In addition, the EN input allows disabling all outputs and place
them into a high-z (or tristate) output state when pulled to GND.
RS0 = Open
EN
CDCM1802
S1
S0
RS1 = 0
REN = 60 kΩ
Setting for Mode 4:
EN = VDD/2
S1 = 0
S0 = 1
Figure 1. Control Pin Setting for Example
Each control input incorporates a 60-kΩ pullup resistor. Thus, it is easy to choose the input setting by designing
a resistor pad between the control input and GND. To choose a logic zero, the resistor value must be zero.
Setting the input high requires leaving the resistor pad empty (no resistor installed). For setting the input to
VDD/2, the installed resistor needs a value of 60 kΩ with a tolerance better or equal to 10%.
Table 1. Selection Mode Table
LVPECL
LVCMOS
MODE
EN
S1
S0
Y0
Y1
0
0
X
X
Off (high-z)
Off (high-z)
1
VDD/2
0
VDD/2
÷ 1
÷ 1
2
VDD/2
VDD/2
1
÷ 1
÷ 2
3
1
0
0
÷ 1
÷ 4
4
VDD/2
0
1
÷ 2
÷ 2
5
1
0
1
÷ 2
÷ 4
6
VDD/2
0
0
÷ 4
÷ 4
7
VDD/2
1
0
÷ 4
÷ 8
8
VDD/2
VDD/2
VDD/2
÷ 8
÷ 1
9
1
1
0
÷ 8
÷ 4
10
1
1
1
Off (high-z)
÷ 4
NOTE: The LVPECL outputs are open emitter stages. Thus, if you leave the unused
LVPECL output Y0 unconnected, then the current consumption is minimized and
noise impact to remaining outputs is neglectable. Also, each output can be
individually disabled by connecting the corresponding VDD input to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com