Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1802RGTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTR
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802RGTR Datasheet(HTML) 3 Page - Texas Instruments

  CDCM1802RGTR Datasheet HTML 1Page - Texas Instruments CDCM1802RGTR Datasheet HTML 2Page - Texas Instruments CDCM1802RGTR Datasheet HTML 3Page - Texas Instruments CDCM1802RGTR Datasheet HTML 4Page - Texas Instruments CDCM1802RGTR Datasheet HTML 5Page - Texas Instruments CDCM1802RGTR Datasheet HTML 6Page - Texas Instruments CDCM1802RGTR Datasheet HTML 7Page - Texas Instruments CDCM1802RGTR Datasheet HTML 8Page - Texas Instruments CDCM1802RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
16
I
(with 60-kΩ pullup)
ENABLE. Enables or disables all outputs simultaneously; The EN pin offers three
different configurations: tie to GND (logic 0), external 60-kΩ pulldown resistor (pull to
VDD/2) or left floating (logic 1); EN = 1: outputs on according to S0 and S1 setting EN =
VDD/2: outputs on according to S0 and S1 setting EN = 0; outputs Y[1:0] off
(high-impedance) see Table 1 for details.
IN
IN
2
3
I
Differential input
Differential input clock. Input stage is sensitive and has a wide common mode range.
Therefore, almost any type of differential signal can drive this input (LVPECL, LVDS,
CML, HSTL). Since the input is high-impedance, it is recommended to terminate the PCB
transmission line before the input (e.g. with 100-Ω across input). The input can also be
driven by a single-ended signal, if the complementary input is tied to a dc reference
voltage (e.g. VCC/2).
The inputs deploy an ESD structure protecting the inputs in case of an input voltage
exceeding the rails by more than ~0.7 V. Reverse biasing of the IC through this inputs is
possible and must be prevented by limiting the input voltage < VDD
S0
S1
13
15
I
I
(with 60-kΩ pullup)
Select mode of operation. Defines the output configuration of Y0 and Y1. Each pin offers
three different configurations: tied to GND (logic 0), external 60-kΩ pulldown resistor (pull
to VDD/2) or left floating (logic 1); see Table 1 for details
Y1
7
O
LVCMOS clock output. This output provides a copy of IN or a divided down copy of clock
IN based on the selected mode of operation: S0, S1, and EN. Also, this output can be
disabled by tying VDD1 to GND.
Y0
Y0
10
11
O
LVPECL
LVPECL clock output. This output provides a copy of IN or a divided down copy of clock
IN based on the selected mode of operation: S1, S0, and EN. If Y0 output is unused, the
output can simply be left open to save power and minimize noise impact to Y1.
VBB
4
O
Output bias voltage used to bias unused complementary input IN for single-ended input
signals. The output voltage of VBB is VDD −1.3 V. When driving a load, the output current
drive is limited to about 1.5 mA.
VSS
5, 6, 14
Supply
Device ground
VDDPECL
1
Supply
Supply voltage PECL input + internal logic
VDD0
9, 12
Supply
PECL output supply voltage for output Y0;
Y0 can be disabled by pulling VDD0 to GND.
Caution: In this mode no voltage from outside may be forced because internal diodes
could be forced in a forward direction. Thus, it is recommended to leave the output
disconnect
VDD1
8
Supply
Supply voltage CMOS output; The CMOS output can be disabled by pulling VDD1 to GND.
Caution: In this mode no voltage from outside may be forced, because internal diodes
could be forced in forward direction. Thus, it is recommended to leave Y1 unconnected,
tied to GND or terminated into GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com