Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1802RGTT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTT
Description  CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM1802RGTT Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCM1802RGTT Datasheet HTML 11Page - Texas Instruments CDCM1802RGTT Datasheet HTML 12Page - Texas Instruments CDCM1802RGTT Datasheet HTML 13Page - Texas Instruments CDCM1802RGTT Datasheet HTML 14Page - Texas Instruments CDCM1802RGTT Datasheet HTML 15Page - Texas Instruments CDCM1802RGTT Datasheet HTML 16Page - Texas Instruments CDCM1802RGTT Datasheet HTML 17Page - Texas Instruments CDCM1802RGTT Datasheet HTML 18Page - Texas Instruments CDCM1802RGTT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
CDCM1802
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER,
LVPECL I/O + ADDITIONAL LVCMOS OUTPUT
SCAS759 − APRIL 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
IN
CLK
CAC
IN
CDCM1802
CCT
VBB
Rdc
NOTE: CAC − AC-coupling capacitor (e.g., 10 nF)
CCT − Capacitor keeps voltage at IN constant (e.g., 10 nF)
Rdc − Load and correct duty cycle (e.g., 50 Ω)
VBB − Bias voltage output
Figure 15. Typical Application Setting for Single-Ended Input Signals Driving the CDCM1802
device behavior during RESET and control pin switching
output behavior when enabling the device (EN = 0 % 1)
In disable mode (EN = 0), all output drivers are switched in high-Z mode. The bandgap, current references, the
amplifier, and the S0 and S1 control inputs are also switched off. In the same mode, all flip-flops will be reset.
The typical current consumption is likely below 500 µA (to be measured).
When the device will be enabled again it takes maximal 1 µs for the settling of the reference voltage and currents.
During this time the output Y0 and Y0 drive a high signal. Y1 is unknown (could be high or low). After the settle
time, the outputs go into the low state. Due to the synchronization of each output driver signal with the input
clock, the state of the waveforms after enabling the device look like those shown in Figure 16. The inverting input
and output signal is not included. The Y:/1 waveform is the undivided output driver state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com