Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR033FS1250 Datasheet(PDF) 2 Page - Littelfuse

Part # PSR033FS1250
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS1250 Datasheet(HTML) 2 Page - Littelfuse

  PSR033FS1250 Datasheet HTML 1Page - Littelfuse PSR033FS1250 Datasheet HTML 2Page - Littelfuse PSR033FS1250 Datasheet HTML 3Page - Littelfuse PSR033FS1250 Datasheet HTML 4Page - Littelfuse PSR033FS1250 Datasheet HTML 5Page - Littelfuse PSR033FS1250 Datasheet HTML 6Page - Littelfuse PSR033FS1250 Datasheet HTML 7Page - Littelfuse PSR033FS1250 Datasheet HTML 8Page - Littelfuse PSR033FS1250 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
2 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
Electrical Characteristics
CASE
SIZE*
CATALOG NUMBER
AMPERAGE
RATING (A)
VOLTAGE
RATING (V)
INTERRUPTING
RATING
MELTING
(PRE-ARC)
I2T (A2s)
TOTAL
CLEARING
I2T (A2s)
AT RATED
VOLTAGE
WATT LOSS
AT 100%
RATED
CURRENT (W)
AGENCY
CERTIFICATION
FLUSH END
METRIC THREAD
FLUSH END
INCHES THREAD
AC
DC
AC
DC
cURus
CCC
IEC
UL
AC
DC
30
PSR030FL0040
PSR030FS0040
40
690
700
600
200kA 150kA
76
280
260
12
•
•
PSR030FL0050
PSR030FS0050
50
690
700
600
200kA 150kA
110
598
384
15
•
•
PSR030FL0063
PSR030FS0063
63
690
700
600
200kA 150kA
176
1023
640
20
•
•
PSR030FL0080
PSR030FS0080
80
690
700
600
200kA 150kA
304
1728
1252
24
•
•
PSR030FL0100
PSR030FS0100
100
690
700
600
200kA 150kA
437
2835
1575
27
•
•
PSR030FL0125
PSR030FS0125
125
690
700
600
200kA 150kA
707
4684
2783
36
•
•
PSR030FL0160
PSR030FS0160
160
690
700
600
200kA 150kA
1359
9114
5507
39
•
•
PSR030FL0200
PSR030FS0200
200
690
700
600
200kA 150kA
3012
15169
14700
39
•
•
PSR030FL0250
PSR030FS0250
250
690
700
600
200kA 150kA
4668
29952
20833
50
•
•
PSR030FL0315
PSR030FS0315
315
690
700
600
200kA 150kA
7131
61830
31600
61
•
•
PSR030FL0350
PSR030FS0350
350
690
700
600
200kA 150kA
12007
85320
49273
62
•
•
PSR030FL0400
PSR030FS0400
400
690
700
600
200kA 150kA
16209
114750
63367
75
•
•
PSR030FL0450
PSR030FS0450
450
690
700
600
200kA 150kA
23133
160110
93533
75
•
•
PSR030FL0500
PSR030FS0500
500
690
700
600
200kA 150kA
31429
225180 137333
80
•
•
PSR030FL0550
PSR030FS0550
550
690
700
600
200kA 150kA
44323
268920 145400
78
•
•
31
PSR031FL0200
PSR031FS0200
200
690
700
600
200kA 150kA
1965
17334
16188
49
•
•
PSR031FL0250
PSR031FS0250
250
690
700
600
200kA 150kA
3789
35343
21080
52
•
•
PSR031FL0315
PSR031FS0315
315
690
700
600
200kA 150kA
6862
59130
30694
61
•
•
PSR031FL0350
PSR031FS0350
350
690
700
600
200kA 150kA
9523
76140
40996
63
•
•
PSR031FL0400
PSR031FS0400
400
690
700
600
200kA 150kA
14770
124335
64359
63
•
•
PSR031FL0450
PSR031FS0450
450
690
700
600
200kA 150kA
22457
178200
97444
68
•
•
PSR031FL0500
PSR031FS0500
500
690
700
600
200kA 150kA
29751
251505 125935
74
•
•
PSR031FL0550
PSR031FS0550
550
690
700
600
200kA 150kA
42056
289170 171845
79
•
•
PSR031FL0630
PSR031FS0630
630
690
700
600
200kA 150kA
73513
507465 276315
86
•
•
PSR031FL0700
PSR031FS0700
700
690
700
600
200kA 150kA
98187
601425 337260
89
•
•
PSR031FL0800
PSR031FS0800
800
690
700
600
200kA 150kA
137208
848880 502800
107
•
•
32
PSR032FL0400
PSR032FS0400
400
690
700
600
200kA 150kA
11104
79650
44533
82
•
•
PSR032FL0450
PSR032FS0450
450
690
700
600
200kA 150kA
15535
116100
65463
88
•
•
PSR032FL0500
PSR032FS0500
500
690
700
600
200kA 150kA
21573
161460
88277
94
•
•
PSR032FL0550
PSR032FS0550
550
690
700
600
200kA 150kA
26327
177660 107960
104
•
•
PSR032FL0630
PSR032FS0630
630
690
700
600
200kA 150kA
34790
234900 156963
110
•
•
PSR032FL0700
PSR032FS0700
700
690
700
600
200kA 150kA
51191
291870 209287
117
•
•
PSR032FL0800
PSR032FS0800
800
690
700
600
200kA 150kA
60125
472770 249000
145
•
•
PSR032FL0900
PSR032FS0900
900
690
700
600
200kA 150kA
107785
764100 404000
145
•
•
PSR032FL1000
PSR032FS1000
1000
690
700
600
200kA 150kA
190102
933120 672333
146
•
•
PSR032FL1100
PSR032FS1100
1100
690
700
600
200kA 150kA
225379
1247400 744000
149
•
•
33
PSR033FL0450
PSR033FS0450
450
690
700
600
200kA 150kA
13600
106380
58947
99
•
•
PSR033FL0500
PSR033FS0500
500
690
700
600
200kA 150kA
16434
140400
77846
107
•
•
PSR033FL0550
PSR033FS0550
550
690
700
600
200kA 150kA
23314
187650 100461
108
•
•
PSR033FL0630
PSR033FS0630
630
690
700
600
200kA 150kA
38727
285930 142437
113
•
•
PSR033FL0700
PSR033FS0700
700
690
700
600
200kA 150kA
56763
392580 209863
113
•
•
PSR033FL0800
PSR033FS0800
800
690
700
600
200kA 150kA
84691
575505 348500
120
•
•
PSR033FL0900
PSR033FS0900
900
690
700
600
200kA 150kA
122619
740340 451177
122
•
•
PSR033FL1000
PSR033FS1000
1000
690
700
600
200kA 150kA
222350
1170450 787750
124
•
•
PSR033FL1100
PSR033FS1100
1100
690
700
600
200kA 150kA
310824
1568700 821400
127
•
•
PSR033FL1250
PSR033FS1250
1250
690
700
600
200kA 150kA
476902
2403000 1674333
131
•
•
PSR033FL1400
PSR033FS1400
1400
690
700
500
200kA 150kA
583552
2920050 1979750
144
•
•
PSR033FL1500
PSR033FS1500
1500
600
650
500
200kA 150kA
674538
2433200 1996733
163
•
•
PSR033FL1600
PSR033FS1600
1600
600
650
500
200kA 150kA
779948
2942800 2301633
182
•
•
PSR033FL1800
PSR033FS1800
1800
600
650
500
200kA 150kA
952196
3785040 2724180
224
•
•
PSR033FL2000
PSR033FS2000
2000
550
600
500
200kA 150kA
1234315
4131600 3755180
222
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com