Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR033FS1250 Datasheet(PDF) 28 Page - Littelfuse

Part # PSR033FS1250
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS1250 Datasheet(HTML) 28 Page - Littelfuse

Back Button PSR033FS1250 Datasheet HTML 20Page - Littelfuse PSR033FS1250 Datasheet HTML 21Page - Littelfuse PSR033FS1250 Datasheet HTML 22Page - Littelfuse PSR033FS1250 Datasheet HTML 23Page - Littelfuse PSR033FS1250 Datasheet HTML 24Page - Littelfuse PSR033FS1250 Datasheet HTML 25Page - Littelfuse PSR033FS1250 Datasheet HTML 26Page - Littelfuse PSR033FS1250 Datasheet HTML 27Page - Littelfuse PSR033FS1250 Datasheet HTML 28Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
28 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
MS7H1500C
32.3
33.4
MS3H1000C
33.4
32.3
10.0
10.0
32.3
39.0
42.0
32.3
33.4
33.4
63.0
42.0
Microswitch
[Dimensions in millimeters]
MS7H1500C
Document Number: OL-MS7H1500C Rev. B
MS3H1000C
Document Number: OL-MS3H1000C Rev. B
Electrical Characteristics
CATALOG
NUMBER/
ORDERING
NUMBER
INSULATION
VOLTAGE
RATING
(VAC)
FUSE
CASE
SIZE
POSITIVE
OPERATING
MIN VOLTAGE /
MIN CURRENT
INTERRUPTING RATING
CURRENT
NON-INDUCTIVE
LOAD
INDUCTIVE LOAD
(DC L/R=25ms)
30V 110V 250V 30V 110V 250V
MS3H1000C*
Standard
NO-NC
1000
30, 31,
32, 33
4V / 1mA
AC (50/60 Hz)
5A
5A
5A
5A
5A
4A
-60°C to
+125° C
95%
3 Pcs/Bag
DC
5A
0.6A
0.3A
3A
0.2A
0.1A
MS7H1500C*
Standard
NO-NC
1500
70, 71,
72, 73
AC (50/60 Hz)
5A
5A
5A
5A
5A
4A
-60°C to
+125° C
95%
3 Pcs/Bag
DC
5A
0.6A
0.3A
3A
0.2A
0.1A
* Contains internal microswitch (Part Number: U83161.8), listed under UL File: E42016.
MS7H1500C
32.3
33.4
MS3H1000C
33.4
32.3
10.0
10.0
32.3
39.0
42.0
32.3
33.4
33.4
63.0
42.0
Disclaimer Notice - Littelfuse products are not designed for, and shall not be used for, any purpose (including, without limitation, automotive, military, aerospace, medical, life-saving, life-sustaining
or nuclear facility applications, devices intended for surgical implant into the body, or any other application in which the failure or lack of desired operation of the product may result in personal
injury, death, or property damage) other than those expressly set forth in applicable Littelfuse product documentation. Warranties granted by Littelfuse shall be deemed void for products used for any
purpose not expressly set forth in applicable Littelfuse documentation. Littelfuse shall not be liable for any claims or damages arising out of products used in applications not expressly intended by
Littelfuse as set forth in applicable Littelfuse documentation. The sale and use of Littelfuse products is subject to Littelfuse Terms and Conditions of Sale, unless otherwise agreed by Littelfuse.
Littelfuse.com/Product-Disclaimer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com