Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950901 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS950901
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950901 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS950901 Datasheet HTML 1Page - Integrated Circuit Systems ICS950901 Datasheet HTML 2Page - Integrated Circuit Systems ICS950901 Datasheet HTML 3Page - Integrated Circuit Systems ICS950901 Datasheet HTML 4Page - Integrated Circuit Systems ICS950901 Datasheet HTML 5Page - Integrated Circuit Systems ICS950901 Datasheet HTML 6Page - Integrated Circuit Systems ICS950901 Datasheet HTML 7Page - Integrated Circuit Systems ICS950901 Datasheet HTML 8Page - Integrated Circuit Systems ICS950901 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS950901
Pin Description
The ICS950901 is a single chip clock solution for desktop designs using the VIA P4X266 chipset with PC133 or DDR memory.
with PC133 or DDR memory. When used with a fanout buffer such as the ICS93712, ICS93715 or the ICS93718 provides all
the necessary clock signals for such a system.
The ICS950901 is part of a whole new line of ICS clock generators and buffers called TCH™ (Timing Control Hub). This part
incorporates ICS's newest clock technology which offers more robust features and functionality. Employing the use of a
serially programmable I
2C interface, this device can adjust the output clocks by configuring the frequency setting, the output
divider ratios, selecting the ideal spread percentage, the output skew, the output strength, and enabling/disabling each
individual output clock. M/N control can configure output frequency with resolution up to 0.1MHz increment.
General Description
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1
8
4
_
4
2
L
E
SN
I.
t
u
p
t
u
o
z
H
M
8
4
r
o
4
2
r
e
h
t
i
e
s
t
c
e
l
e
S
F
E
RT
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3
8
3
,
4
2
,
6
1
,
6
,
2D
D
VR
W
P.
y
l
p
p
u
s
r
e
w
o
p
V
3
.
3
41
XN
I
.
2
X
m
o
r
f
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
52
XT
U
O
.
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
7
3
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
z
H
M
8
4T
U
O.
.
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
8
2
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
z
H
M
8
4
_
4
2T
U
O.
t
u
p
t
u
o
z
H
M
8
4
r
o
4
2
e
l
b
a
t
c
e
l
e
S
,
5
2
,
0
2
,
3
1
,
9
,
3
7
4
,
4
4
,
6
3
D
N
GR
W
P.
y
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
0
1
0
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
F
_
K
L
C
I
C
PT
U
Ot
u
p
t
u
o
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
V
3
.
3
1
1
1
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
0
K
L
C
I
C
PT
U
O.
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
2
2#
D
PN
I
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
e
b
t
o
n
l
l
i
w
n
w
o
d
4
1
,
5
1
,
7
1
,
8
1
,
9
1
,
1
2)
2
:
7
(
K
L
C
I
C
PT
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
3
2
,
6
2
,
7
2)
0
:
2
(
P
G
AT
U
O.
d
e
p
p
o
t
s
e
b
t
o
n
y
a
m
e
s
e
h
T
.
I
C
P
X
2
s
a
d
e
n
i
f
e
d
s
t
u
p
t
u
o
P
G
A
8
2K
L
C
SN
II
r
o
f
n
i
p
k
c
o
l
C
2
.
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
9
2A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
.
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
0
3#
T
E
S
E
RT
U
O
e
v
i
t
c
a
s
i
l
a
n
g
i
s
s
i
h
T
.
t
u
o
e
m
i
t
r
e
m
m
i
t
g
o
d
h
c
t
a
w
r
o
e
u
l
a
v
y
c
n
e
u
q
e
r
f
r
o
f
l
a
n
g
i
s
t
e
s
e
r
m
e
t
s
y
s
e
m
i
t
l
a
e
R
.
w
o
l
3
3#
D
G
R
W
P
_
t
t
VN
I
y
d
a
e
r
d
n
a
d
il
a
v
s
i
)
0
:
3
(
S
F
n
e
h
w
e
n
i
m
r
e
t
e
d
o
t
d
e
s
u
e
b
o
r
t
s
e
v
i
t
i
s
n
e
s
l
e
v
e
l
a
s
i
t
u
p
n
i
L
T
T
V
L
V
3
.
3
s
i
h
T
.
)
w
o
l
e
v
i
t
c
a
(
d
e
l
p
m
a
s
e
b
o
t
9
3
,
4
3)
0
:
1
(
_
C
K
L
C
U
P
CT
U
O
l
a
n
r
e
t
x
e
d
n
a
s
t
u
p
t
u
o
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
o
t
n
e
m
e
l
p
m
o
C
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
e
r
a
s
r
o
t
s
i
s
e
r
0
4
,
5
3)
0
:
1
(
_
T
K
L
C
U
P
CT
U
O
e
r
a
s
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
d
n
a
s
t
u
p
t
u
o
t
n
e
r
r
u
c
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
s
a
i
b
e
g
a
t
l
o
v
r
o
f
d
e
r
i
u
q
e
r
7
3F
E
R
IT
U
O
d
e
x
i
f
a
s
e
r
i
u
q
e
r
n
i
p
s
i
h
T
.
s
r
i
a
p
K
L
C
U
P
C
e
h
t
r
o
f
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
e
h
t
s
e
h
s
i
l
b
a
t
s
e
n
i
p
s
i
h
T
.
t
n
e
r
r
u
c
e
t
a
i
r
p
o
r
p
p
a
e
h
t
h
s
i
l
b
a
t
s
e
o
t
r
e
d
r
o
n
i
d
n
u
o
r
g
o
t
d
e
i
t
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
1
4S
C
_
C
K
L
C
U
P
CT
U
O
.
s
t
u
p
t
u
o
ll
u
p
-
h
s
u
p
V
5
.
2
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
"
y
r
o
t
n
e
m
e
l
p
m
o
C
2
4S
C
_
T
K
L
C
U
P
CT
U
O
.
s
t
u
p
t
u
o
ll
u
p
-
h
s
u
p
V
5
.
2
e
r
a
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
"
e
u
r
T
3
4)
V
5
.
2
(
S
C
_
U
P
C
D
D
VR
W
P.
V
5
.
2
s
t
u
p
t
u
o
S
C
_
K
L
C
U
P
C
r
o
f
r
e
w
o
P
6
4
,
5
4)
0
:
1
(
C
I
P
A
O
IT
U
Os
t
u
p
t
u
o
k
c
o
l
c
V
5
.
2
8
4)
V
5
.
2
(
C
I
P
A
D
D
VR
W
P.
V
5
.
2
s
k
c
o
l
c
C
I
P
A
r
o
f
r
e
w
o
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com