Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950901 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS950901
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950901 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS950901 Datasheet HTML 5Page - Integrated Circuit Systems ICS950901 Datasheet HTML 6Page - Integrated Circuit Systems ICS950901 Datasheet HTML 7Page - Integrated Circuit Systems ICS950901 Datasheet HTML 8Page - Integrated Circuit Systems ICS950901 Datasheet HTML 9Page - Integrated Circuit Systems ICS950901 Datasheet HTML 10Page - Integrated Circuit Systems ICS950901 Datasheet HTML 11Page - Integrated Circuit Systems ICS950901 Datasheet HTML 12Page - Integrated Circuit Systems ICS950901 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
ICS950901
Byte 17: Output Divider Control Register
Byte 18: Group Skew Control Register
Byte 19: Group Skew Control Register
Table 1
Table 2
)
2
:
3
(
v
i
D
0
01
00
11
1
)
0
:
1
(
v
i
D
0
02
/4
/8
/6
1
/
1
03
/6
/2
1
/4
2
/
0
15
/0
1
/0
2
/0
4
/
1
17
/4
1
/8
2
/6
5
/
)
2
:
3
(
v
i
D
0
01
00
11
1
)
0
:
1
(
v
i
D
0
04
/8
/6
1
/2
3
/
1
03
/6
/2
1
/4
2
/
0
15
/0
1
/0
2
/0
4
/
1
19
/8
1
/6
3
/2
7
/
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
ti
BV
N
I
_
P
G
A0
ti
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
P
G
A
6
ti
BV
N
I
_
C
I
P
A0
ti
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
C
I
P
A
5
ti
BV
N
I
_
1
/
0
U
P
C0
ti
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
1
/
0
U
P
C
4
ti
BV
N
I
_
S
C
_
U
P
C0
ti
b
n
o
i
s
r
e
v
n
I
e
s
a
h
P
S
C
_
U
P
C
3
ti
B
3
v
i
D
I
C
P1
s
t
i
b
4
e
s
e
h
t
a
i
v
d
e
r
u
g
i
f
n
o
c
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
I
C
P
.
2
e
l
b
a
T
o
t
r
e
f
e
r
e
l
b
a
t
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
2
ti
B
2
v
i
D
I
C
P0
1
ti
B
1
v
i
D
I
C
P0
0
ti
B
0
v
i
D
I
C
P1
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BC
I
P
A
O
I1
l
o
r
t
n
o
C
w
e
k
S
p
u
o
r
G
6
t
i
BC
I
P
A
O
I0
5
t
i
BC
I
P
A
O
I0
4
t
i
BC
I
P
A
O
I0
3
t
i
B)
0
:
7
(
K
L
C
I
C
P1
2
t
i
B)
0
:
7
(
K
L
C
I
C
P0
1
t
i
B)
0
:
7
(
K
L
C
I
C
P0
0
t
i
B)
0
:
7
(
K
L
C
I
C
P0
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
ti
B1
w
e
k
S
_
U
P
C1
o
t
t
c
e
p
s
e
r
h
ti
w
S
C
_
T
/
C
K
L
C
U
P
C
e
h
t
y
a
l
e
d
s
ti
b
2
e
s
e
h
T
)
0
:
1
(
T
/
C
K
L
C
U
P
C
s
p
0
5
7
=
1
1
s
p
0
0
5
=
0
1
s
p
0
5
2
=
1
0
s
p
0
=
0
0
6
ti
B0
w
e
k
S
_
U
P
C0
5
ti
B1
w
e
k
S
_
U
P
C1
e
h
t
y
a
l
e
d
s
ti
b
2
e
s
e
h
T)
0
:
1
(
T
/
C
K
L
C
U
P
Co
t
t
c
e
p
s
e
r
h
ti
w
k
c
o
l
c
S
C
_
T
/
C
K
L
C
U
P
C
s
p
0
5
2
=
1
0
s
p
0
=
0
0s
p
0
5
7
=
1
1
s
p
0
0
5
=
0
1
4
ti
B0
w
e
k
S
_
U
P
C0
3
ti
BK
L
C
P
G
A1
l
o
r
t
n
o
C
w
e
k
S
p
u
o
r
G
2
ti
BK
L
C
P
G
A0
l
o
r
t
n
o
C
w
e
k
S
p
u
o
r
G
1
ti
BK
L
C
P
G
A1
l
o
r
t
n
o
C
w
e
k
S
p
u
o
r
G
0
ti
BK
L
C
P
G
A0
l
o
r
t
n
o
C
w
e
k
S
p
u
o
r
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com