Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF7941ATJ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF7941ATJ Datasheet HTML 2Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 3Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 4Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 5Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 6Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 7Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 8Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
6
CONFIDENTIAL
6
QUICK REFERENCE DATA
6.1 Transponder Operation
PARAMETER
VALUE
UNIT
Carrier frequency
125
kHz
Data rate
- read
- write
4.0
5.2
kbit/s
kbit/s
Data coding
- read
- write
Manchester or Bi-Phase
Binary Pulse Length Modulation (BPLM)
Data transmission mode
Half-Duplex
Modulation
Amplitude Shift Keying (ASK)
6.2 RISC Controller and Peripherals
PARAMETER
VALUE
UNIT
Operating supply voltage (RISC)
2.1 - 3.6
V
Power-down current (typical)
400
nA
ROM (Firmware – System ROM)
4 K
Byte
E-ROM (Application program)
4 K
Byte
RAM
128
Byte
EEPROM
512
Byte
General purpose /O
11
Operating speed, as derived from on-chip RC oscillator
0.125 - 2
MHz
Special Features
 EEPROM Erase/Write over full operating voltage range (2.1 to 3.6 V)
 Full control about Contactless LF Interface
 Programmable voltage comparator for battery voltage monitoring
 PWM generation
 Watchdog timer
 Up to 7 dedicated Wake-Up button inputs
Calculation Unit
 Features HT2 (48 bit) or HT3 (96 bit)
 Supports Pseudo Random Number generation (Rolling Code)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com