Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF7941ATJ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF7941ATJ
Description  Security Transponder and RISC Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF7941ATJ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF7941ATJ Datasheet HTML 3Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 4Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 5Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 6Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 7Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 8Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 9Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 10Page - NXP Semiconductors PCF7941ATJ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NXP Semiconductors
Product Specification
Security Transponder and RISC Controller (STARC 2XLite)
PCF7x41ATJ
2013 Oct 15
7
CONFIDENTIAL
7
PINNING
Table 1. Pin Assignment
FUNCTION
DESCRIPTION
PIN
NOTE
i.c. A
Internally connected (node reference A)
1
2
i.c. A
Internally connected (node reference A)
2
2
i.c. A
Internally connected (node reference A)
3
2
VSS
Common Ground digital section (Battery neg. Terminal)
4
n.c.
Not connected
5
1
n.c.
Not connected
6
1
n.c.
Not connected
7
1
P20
General purpose I/O, Wake Up sense and Digital modulator output
8
P16
General purpose I/O, voltage comparator input
9
P17
General purpose I/O, Digital modulator outpu
10
P15
General purpose I/O and external clock input
11
P10
General purpose I/O with internal pull-up, Wake Up sense
12
P21
General purpose I/O, Wake Up sense and Timer 1 Capture input / Interrupt input
13
n.c.
Not connected
14
i.c. B
Internally connected (node reference B)
15
3
n.c.
Not connected
16
MSDA
ROM Monitor Serial Data with internal pull-up
17
4
i.c. C
Internally connected (node reference C)
18
2
i.c. C
Internally connected (node reference C)
19
2
MSCL
ROM Monitor Serial Clock Output
20
n.c.
Not connected
21
n.c.
Not connected
22
P22
General purpose I/O, Wake Up sense and Timer 1 Compare output (PWM)
23
P11
General purpose I/O with internal pull-up and Wake Up sense
24
P12
General purpose I/O with internal pull-up and Wake Up sense
25
P13
General purpose I/O with internal pull-up and Wake Up sense
26
TEST
Reserved
27
1
TEST
Reserved
28
1
TEST
Reserved
29
1
VBAT
Battery Supply Voltage digital section (Battery pos. Terminal)
30
P14
General purpose I/O
31
i.c. B
Internally connected (node reference B)
32
3
i.c. F
Internally connected (node reference F)
33
2
i.c. F
Internally connected (node reference F)
34
2
i.c. E
Internally connected (node reference E)
35
2
i.c. E
Internally connected (node reference E)
36
2
Note
1. Reserved for device test purposes. Required to be left unconnected or connected to VSS
2. Internally connected to another pin and not connected to the chip.
3. Internally connected to another pin and not connected to the chip, but connected to the chip die attach.
4. MSCL is an output and must be left unconnected in the application. MSDA features an on-chip pull-up to VBAT, and may be
left open or terminated to VBAT, as desired. For details please refer to the ‘PCF7941 Monitor and Download Interface’ (see
13 RELATED DOCUMENTS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com