Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250EC Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SCF5250EC
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250EC Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SCF5250EC Datasheet HTML 43Page - NXP Semiconductors SCF5250EC Datasheet HTML 44Page - NXP Semiconductors SCF5250EC Datasheet HTML 45Page - NXP Semiconductors SCF5250EC Datasheet HTML 46Page - NXP Semiconductors SCF5250EC Datasheet HTML 47Page - NXP Semiconductors SCF5250EC Datasheet HTML 48Page - NXP Semiconductors SCF5250EC Datasheet HTML 49Page - NXP Semiconductors SCF5250EC Datasheet HTML 50Page - NXP Semiconductors SCF5250EC Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
47
N5
WAKEUP_GP21
I/O
Wake-up input
In (requires
pull-up for normal
operation)
P3
EBUIN2_SCLKOUT_GP1
3
I/O
Audio interfaces EBUIN2 /
FlashMedia Clock
In / Low
P4
EBUIN3_CMDSDIO2_GP
14
I/O
Audio interfaces EBUIN3 /
FlashMedia Clock
In / Low
P_VDD
PAD_VDD
I/O
PAD_VDD
N6
EBUIN1_GP36
I/O
Audio interfaces EBUIN1
In / Low
P5
EBUOUT1_GP37
I/O
Audio interfaces EBUOUT1
Out / Low
M7
XTRIM_GP0
I/O
Audio interfaces X-tal trim
Out / clock out
P6
QSPICS3_CS1_GP28
I/O
QSPI Chip select 3
Out / High
N7
RCK_QSPIDIN_QSPIDO
UT_GP26
I/O
Subcode RCK interface / QSPI Data
In / Data out
Out / Low
P7
QSPICLK_SUBR_GP25
I/O
QSPI clockpin / subcode interface
Out / Low
P8
QSPIDOUT_SFSY_GP27
I/O
QSPI Data Output / subcode
interface SFSY
Out / Low
M8
QSPICS1_EBUOUT2_GP
16
I/O
QSPI Chip select 1 output / audio
interface EBU output 2
Out / Low
N8
QSPICS0_EBUIN4_GP15
I/O
QSPI Chip select 0 output / audio
interface EBUIN4
Out / Low
P_GND
PAD_GND
I/O
PAD_GND
P9
SCLK1_GP20
I/O
Audio interfaces serial clock 1
In / Low
M9
LRCK1_GP19
I/O
Audio interfaces word clock 1
In / Low
N9
SDATAO1_TOUT1_GP18
I/O
Audio interfaces serial data output 1
/ Timer output 1
Out / Low
P10
SDATAI1_GP17
I/O
Audio interfaces serial data input 1
In / Low
N10
CFLG_GP5
I/O
CFLG input
In / Low
M10
EF_GP6
I/O
Error flag input
In / Low
P11
QSPICS2_MCLK2_GP24
I/O
QSPI Chip select output 2 / audio
master clock output 2
Out / Low
N11
SDATAI3_GP8
I/O
Audio interfaces serial data input 3
In / Low
Table 36. 196 MAPBGA Pin Assignments (continued)
MAPBGA
Pin
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com