Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250LPV100 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SCF5250LPV100
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250LPV100 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SCF5250LPV100 Datasheet HTML 45Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 46Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 47Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 48Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 49Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 50Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 51Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 52Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
49
G13
RXD1_GP46
I/O
UART1 receive data input
Out / Low
G12
PST3_INTMON1_GP47
I/O
Debug / interrupt monitor output 1
Out / High
F12
PST2_INTMON2_GP48
I/O
Debug / interrupt monitor output 2
Out / High
P_GND
PAD_GND
I/O
PAD_GND
F14
PST1_GP49
I/O
Debug
Out / High
F13
PST0_GP50
I/O
Debug
Out / High
E14
PSTCLK_GP51
I/O
Debug
Out / clock output
E13
TDO_DSO
O
JTAG / Debug
BDM
D13
TDI_DSI
I
JTAG / Debug
BDM
E12
TCK
I
JTAG
BDM
C13
TMS_BKPT
I
JTAG / Debug
BDM
D12
TRST_DSCLK
I
JTAG / Debug
BDM
D14
RSTI
I
Reset
X
C14
SCLK2_GP22
I/O
Audio interfaces serial clock 2
In / Low
B14
LRCK2_GP23
I/O
Audio interfaces word clock 2
In / Low
C11
LINOUT
A
Linear regulator output
X
C11
LINOUT
A
Linear regulator output
X
B12
LININ
A
Linear regulator input
X
B12
LININ
A
Linear regulator input
X
P_GND
LIN_GND
Linear regulator ground
X
C10
SDATAO2_GP34
I/O
Audio interfaces serial data output 2 Out / Low
A12
MCLK1_GP11
I/O
Audio master clock output 1
Out / clock output
---
VBGT
B11
HIZ_B
I
JTAG
X
B10
TEST2
I
Test
X
C9
TEST1
I
Test
X
A11
TEST0
I
Test
X
Table 36. 196 MAPBGA Pin Assignments (continued)
MAPBGA
Pin
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com