Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250LPV100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SCF5250LPV100
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250LPV100 Datasheet(HTML) 5 Page - NXP Semiconductors

  SCF5250LPV100 Datasheet HTML 1Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 2Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 3Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 4Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 5Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 6Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 7Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 8Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
5
The CD-ROM decoder performs following functions in hardware:
•
Sector sync recognition
•
Descrambling of sectors
•
Verification of the CRC checksum for Mode 1, Mode 2 Form 1, and Mode 2 Form 2 sectors
•
Third-layer error correction is not performed
The CD-ROM encoder performs following functions in hardware:
•
Sector sync recognition
•
Scrambling of sectors
•
Insertion of the CRC checksum for Mode 1, Mode 2 Form 1, and Mode 2 Form 2 sectors.
•
Third-layer error encoding needs to be done in software. This can use approximately 5–10 MHz of
performance for single-speed.
1.2.13
Dual UART Module
Two full-duplex UARTs with independent receive and transmit buffers are in this module. Data formats
can be 5, 6, 7, or 8 bits with even, odd, or no parity, and up to 2 stop bits in 1/16 increments. Four-byte
receive buffers and two-byte transmit buffers minimize CPU service calls. The Dual UART module also
provides several error-detection and maskable-interrupt capabilities. Modem support includes
request-to-send (RTS) and clear-to-send (CTS) lines.
The system clock provides the clocking function from a programmable prescaler. You can select full
duplex, auto-echo loopback, local loopback, and remote loopback modes. The programmable Dual UARTs
can interrupt the CPU on various normal or error-condition events.
1.2.14
Queued Serial Peripheral Interface QSPI
The QSPI module provides a serial peripheral interface with queued transfer capability. It supports up to
16 stacked transfers at a time, making CPU intervention between transfers unnecessary. Transfers of up to
15 Mbits/second are possible at a CPU clock of 120 MHz. The QSPI supports master mode operation only.
1.2.15
Timer Module
The timer module includes two general-purpose timers, each of which contains a free-running 16-bit timer.
Timer0 has an external pin TOUT0, which can be used in Output Compare mode. This mode triggers an
external signal or interrupts the CPU when the timer reaches a set value, and can also generate waveforms
on TOUT0.
The timer unit has an 8-bit prescaler that allows programming of the clock input frequency, which is
derived from the system clock. In addition to the ÷1 and ÷16 clock derived from the bus clock (CPU clock
/ 2), the programmable timer-output pins either generate an active-low pulse or toggle the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com