Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL6002ABO-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL6002ABO-TRG
Description  Low-Power, 8-bit, 3-Channel Analog to Digital Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL6002ABO-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL6002ABO-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL6002ABO-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2017
APL6002
www.anpec.com.tw
10
Function Description (Cont.)
I2C Address Programming
The APL6002 I2C address is programmable, which can
be selected from 0x70h to 0x7Eh by the 7-bit slave ad-
dress with one R/W bit. The slave device compares the
7-bit slave address with its address and matches. The
programmable address is selected by a voltage divider
R1 and R2. The Alert/ADDR pin voltage is compared with
8 addresses available internal reference voltage for ad-
dress programming.
Note: If the address programming function is not used,
the Alert/ADDR pin must be connected to VDD via a resis-
tor and the I2C address is used as default value 0x7Eh.
Voltage Monitoring and I2C Programming Interface
The AINx voltages are digitized directly by high precision
A/D converter and interfaced to the I2C bus. The AINx volt-
ages are sensed alternately and take 0.6ms every
channel.
When the VDD supply voltage range from 2.8 to 5.5V, the
A/D converter have 10mV of resolution, and 1 to 3.56V of
full scale range. The A/D converter sensing results are
stored in the internal register that shows as follow:
AIN1 A/D data store (TD1): Reg0x03[7] (MSB) ~ Reg0x03
[0] (LSB)
AIN2 A/D data store (TD2): Reg0x04[7] (MSB) ~ Reg0x04
[0] (LSB)
AIN3 A/D data store (TD3): Reg0x05[7] (MSB) ~ Reg0x05
[0] (LSB)
If the internal register code is read as Code
X in integer decimal format, the AINx voltage transition to the internal
register Reg0x03, Reg0x04 and Reg0x05 calculation as follows:
The voltage divider at VIN-R
INx-RNTCx-GND sets the voltage AINx is calculated as:
NTCx
INx
NTCx
AINx
R
R
R
VIN
V
+
×
=
According to the above equation:
Note: If the AINx pin is not used, that must be pulled to the high level. And the C
X is recommended to bypass the AINx
pin.
Alert
Control
Logic
Alert/ADDR
I2C
Interface
R1
R2
VDD
0x7E
0x7C
0x7A
0x78
0x76
0x74
0x72
0x70
0
20
30
40
50
60
70
80
90
100
10
ADDR Input Voltage (% of VDD)
Address
R1 (kOhm)
R2 (kOhm)
ALT/ADDR
(% of VDD)
0x70
0x72
0x74
0x76
0x78
0x7A
0x7C
0x7E
6
2
25
5.1
2.7
35
4.3
3.6
45
3.9
4.7
55
3.6
6.8
65
2
6.2
75
1.5
8.2
85
10
Open
100
A/D
Converter
I2C
Interface
RINx
RNTCx
Cx
AINx
VDD
(
) 1V
Code
10mV
V
or
10mV
1V
V
Code
X
AINx
AINx
X
+
×
=
−
=
10mV
1V
R
R
R
VIN
Code
NTCx
INx
NTCx
X
−


+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com