Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF49 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF49 Datasheet HTML 2Page - Hirose Electric DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric DF49 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
DF49 Series●0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
Unit : mm
Part Number
CL No.
Number of contacts
A
B
C
DF49-20P-SHL
662-5505-0
20
4.0
10.1
11.18
DF49-30P-SHL
Under planning
30
π
14.1
15.18
DF49-40P-SHL
662-5502-1
40
12.0
18.1
19.18
Note 1 : Tape and reel packaging (10,000 pieces/reel).
Order by number of reels.
Note 2 : π dimensions will be set separately during development.
[Specification number] - **, (**)
(51):Embossed tape packaging
(10,000 pieces per reel)
■
Metal cover
0.65±0.1
C±0.1
B±0.15
A±0.15
0.6±0.1
1±0.1
P=3±0.1
Pin No.
*
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com