Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF49 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF49
Description  0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF49 Datasheet(HTML) 2 Page - Hirose Electric

  DF49 Datasheet HTML 1Page - Hirose Electric DF49 Datasheet HTML 2Page - Hirose Electric DF49 Datasheet HTML 3Page - Hirose Electric DF49 Datasheet HTML 4Page - Hirose Electric DF49 Datasheet HTML 5Page - Hirose Electric DF49 Datasheet HTML 6Page - Hirose Electric DF49 Datasheet HTML 7Page - Hirose Electric DF49 Datasheet HTML 8Page - Hirose Electric DF49 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
DF49 Series0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
Specifications
Ratings
Current rating
AWG42 : 0.25A
電線サイズ
AWG44 : 0.2A (Note 3)
AWG46 : 0.15A
Operating temperature range -35ç to 85ç (Note 1)
Operating humidity range 20% to 80%
Voltage rating
AC30V
Storage temperature range -10ç to 60ç (Note 2)
Storage humidity range 40% to 70% (Note 2)
Item
Specification
Conditions
1. Insulation
resistance
50 Mø min.
100 V DC
2. Withstanding voltage No flashover or insulation breakdown
100 Vrms AC / 1 minute
3. Contact resistance
Signal:80mø max, Ground 80mø max
100 mA,(DC or 1,000Hz)
4. Vibration
No electrical discontinuity of 1 μs or longer
Frequency: 10 to 55 Hz, single amplitude of 0.75mm,
10 cycles in each of the 3 directions
5.Humidity
Contact resistance (change from initial value)
50 mø max.
Insulation resistance: 25 Mø min.
96 hours at of 40 ±2°C, and humidity of 90 to 95%
6. Temperature cycle
Contact resistance (change from initial value)
50 mø max.
Insulation resistance: 25 Mø min.
-55°C 5 to 35°C 85°C 5 to 35°C
Time: 30 min. 2 to 3 min. 30 min. 2 to 3 min.
5 cycles
7. Durability
Contact resistance (change from initial value)
50 mø max.
30 cycles
8. Resistance to
soldering heat
No deformation of affecting performance
Reflow: At the recommended temperature profile
Manual soldering: 350°C for 3 seconds
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for a long period prior to mounting and use.
The operating temperature and humidity range covers the non-conducting condition of installed connectors in storage, shipment or
during transportation after board mounting.
Note 3: With only the connector portion at an elevated temperature level, the rated current value is set.
Note 4: Information contained in this catalog represents general requirements for this Series.
Contact us for the drawings and specifications for a specific part number shown.
Materials
Product
Part
Material
Finish
Remarks
Receptacle
Insulator
LCP
Color:Black
UL94V-0
Contacts
Phosphor bronze
Gold plated
---------
Metal fittings
Phosphor bronze
Tin plated
---------
Plug
Insulator
LCP
Color:Black
---------
Contacts
Phosphor bronze
Gold plated
UL94V-0
Metal cover
Phosphor bronze
Tin plated
---------
Shell
Metal cover
Phosphor bronze
Tin plated
---------
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com