Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF7-10RS/P-3.96 Datasheet(PDF) 9 Page - Hirose Electric

Part # DF7-10RS/P-3.96
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-10RS/P-3.96 Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF7-10RS/P-3.96 Datasheet HTML 5Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 6Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 7Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 8Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 9Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 10Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 11Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 12Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
B103
s Retainer
No. of contacts indicator
B
1
Cavity No.
6.6
2.2
Cavity No.
No. of contacts indicator
A
3
P=3.96
2.2
B
10
B
1 Pos.
2 to 10 Pos.
1 Pos.
2 to 10 Pos.
CL680-0136-0
CL680-0027-4
CL680-0028-7
CL680-0029-0
CL680-0030-9
CL680-0031-1
CL680-0032-4
CL680-0033-7
CL680-0034-0
CL680-0035-2
DF7- 1RS/P-3.96
DF7- 2RS/P-3.96
DF7- 3RS/P-3.96
DF7- 4RS/P-3.96
DF7- 5RS/P-3.96
DF7- 6RS/P-3.96
DF7- 7RS/P-3.96
DF7- 8RS/P-3.96
DF7- 9RS/P-3.96
DF7-10RS/P-3.96
-------------
10.00
13.96
17.92
21.88
25.84
29.80
33.76
37.72
41.68
-------------
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
CL No.
1
2
3
4
5
6
7
8
9
10
Part Number
Number of contacts
A
B
Note1: Bag packaging (100 pieces/bag). Order by number of bags.
Note2: Retainer is common to sockets, in-line plug.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com