Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF7-10RS/P-3.96 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF7-10RS/P-3.96
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-10RS/P-3.96 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF7-10RS/P-3.96 Datasheet HTML 7Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 8Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 9Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 10Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 11Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 12Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 13Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 14Page - Hirose Electric DF7-10RS/P-3.96 Datasheet HTML 15Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
B105
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
DF7-4DS-3.96C
DF7-6DS-3.96C
DF7-8DS-3.96C
DF7-10DS-3.96C
DF7-12DS-3.96C
4
6
8
10
12
10.00
13.96
17.92
21.88
25.84
3.96
7.92
11.88
15.84
19.80
Reserved For
product
expansion
s Standard lock
CL No.
Part Number
Number of contacts
A
B
DF7A-4DS-3.96C
DF7A-6DS-3.96C
DF7A-8DS-3.96C
DF7A-10DS-3.96C
DF7A-12DS-3.96C
4
6
8
10
12
10.00
13.96
17.92
21.88
25.84
3.96
7.92
11.88
15.84
19.80
CL680-0160-4
CL680-0161-7
CL680-0162-0
CL680-0163-2
CL680-0164-5
s Enhanced ergonomic lock
s Double-row Socket
No. of contacts indicator
Cavity No.
P=3.96
B
Contact No.1
A
(16)
(17.2)
A
1
9
2
10
Standard Lock
Enhanced ergonomic lock
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com