Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT104/DF7-1618 Datasheet(PDF) 5 Page - Hirose Electric

Part # HT104/DF7-1618
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT104/DF7-1618 Datasheet(HTML) 5 Page - Hirose Electric

  HT104/DF7-1618 Datasheet HTML 1Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 2Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 3Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 4Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 5Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 6Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 7Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 8Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
B99
Note 1) Tray packaging. Order by number of quantity in the tray.
Note 2) DF7-2P-7.92DS plug has #2 contact positions of DF7-3P-3.96DS without contacts inserted and the number of pos. indication is 2.
(Mating receptacle: DF7#-3S-3-96C)
DF7-3P-7.92DS plug has #2 and #4 contact positions of DF7-5P-3.96DS without contacts inserted and the number of pos. indication is 3.
(Mating receptacle: DF7#-5S-3-96C)
DF7-4P-7.92DS plug has #2, #4 and #6 contact of DF7-7P-3.96DS without contacts inserted and the number of pos. indication is 4.
(Mating receptacle: DF7#-7S-3-96C)
DF7-5P-7.92DS plug has #2, #4, #6 and #8 contact positions of DF7-9P-3.96DS without contacts inserted and the number of pos. indication is 5.
(Mating receptacle: DF7#-9S-3-96C)
s Right angle header
B PCB mounting pattern (Board thickness: 1.6 ± 0.1)
A
P=3.96
1.1
B
1.1
9.5
1.4
3.5
Production Lot No.
Cavity No.
No. of contacts indicator (Note2)
C
Ø1.4
6L09
10
A
10
A
(Note1)
C±0.05
2_Ø1.6
+0.1
0
*_Ø1.1
+0.1
0
A±0.1
P=3.96±0.05(7.92±0.05)
CL No.
CL680-0081-0-24
CL680-0082-2-24
CL680-0083-5-24
CL680-0084-8-24
CL680-0085-0-24
CL680-0086-3-24
CL680-0087-6-24
CL680-0088-9-24
CL680-0089-1-24
CL680-0124-0-24
CL680-0125-3-24
CL680-0126-6-24
CL680-0127-9-24
DF7- 2P-3.96DS(24)
DF7- 3P-3.96DS(24)
DF7- 4P-3.96DS(24)
DF7- 5P-3.96DS(24)
DF7- 6P-3.96DS(24)
DF7- 7P-3.96DS(24)
DF7- 8P-3.96DS(24)
DF7- 9P-3.96DS(24)
DF7-10P-3.96DS(24)
DF7- 2P-7.92DS(24)
DF7- 3P-7.92DS(24)
DF7- 4P-7.92DS(24)
DF7- 5P-7.92DS(24)
2
3
4
5
6
7
8
9
10
2
3
4
5
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
7.92
15.84
23.76
31.68
10.40
14.36
18.32
22.28
26.24
30.20
34.16
38.12
42.08
14.36
22.28
30.20
38.12
8.40
12.36
16.32
20.28
24.24
28.20
32.16
36.12
40.08
12.36
20.28
28.20
36.12
114
84
66
60
48
42
36
36
30
84
60
42
36
Part Number
Number of contacts
A
B
C
Quantity per tray
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com