Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT104/DF7-1618 Datasheet(PDF) 12 Page - Hirose Electric

Part # HT104/DF7-1618
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT104/DF7-1618 Datasheet(HTML) 12 Page - Hirose Electric

Back Button HT104/DF7-1618 Datasheet HTML 7Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 8Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 9Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 10Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 11Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 12Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 13Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 14Page - Hirose Electric HT104/DF7-1618 Datasheet HTML 15Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
B106
q Applicable cable (Tin plated annealed copper wire)
s Tools
CL680-0001-0
CL680-0002-3
CL680-0003-6
CL680-0004-9
CL680-0005-1
CL680-0006-4
CL680-0007-7
CL680-0008-0
DF7-1618SCF
DF7-1618SC
DF7-2022SCF
DF7-2022SC
DF7-1618PCF
DF7-1618PC
DF7-2022PCF
DF7-2022PC
3,000
100
3,000
100
3,000
100
3,000
100
Tin plating
CL No.
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Part Number
Packaging
Quantity
Finish
AWG#16(26/0.254mm)
AWG#18(34/0.18mm)
AWG#20(21/0.18mm)
AWG#22(17/0.16mm)
AWG#16(26/0.254mm)
AWG#18(34/0.18mm)
AWG#20(21/0.18mm)
AWG#22(17/0.16mm)
UL1007
UL1015
Wire size(Stranded wire conductor)
2.1 to 2.5mm
1.6 to 1.9mm
2.9 to 3.2mm
2.4 to 2.7mm
UL style
Jacket diameter
Note 1: Applicable wire with tin plated solid soft conductor.
Note 2: When using other than the recommended wire, contact your nearest Hirose representative.
Note 3: Strip length: 3.0 to 3.8mm.
Manual
Automatic
CL901-0005-4
CL901-4554-4
CL901-4553-1
CL550-0268-0
CL550-0269-3
CM-105
AP105-DF7-1618
AP105-DF7-2022
HT104/DF7-1618
HT104/DF7-2022
Type
Press unit
Crimp tools
Applicator
----------------
DF7-1618SCF/DF7-1618PCF
DF7-2022SCF/DF7-2022PCF
DF7-1618SC/DF7-1618PC
DF7-2022SC/DF7-2022PC
CL No.
Part Number
Applicable Contacts
s Crimp Contact
Ø2
2.4
P=11
t=0.25
2.35
AWG No.
16
18
2.5
1.3
P=11
0.64
t=0.25
Ø2
AWG No.
0.8
16
18
q Female Contact
q Male Contact
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com