Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC Datasheet(PDF) 4 Page - Hirose Electric

Part # HSC
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC Datasheet(HTML) 4 Page - Hirose Electric

  HSC Datasheet HTML 1Page - Hirose Electric HSC Datasheet HTML 2Page - Hirose Electric HSC Datasheet HTML 3Page - Hirose Electric HSC Datasheet HTML 4Page - Hirose Electric HSC Datasheet HTML 5Page - Hirose Electric HSC Datasheet HTML 6Page - Hirose Electric HSC Datasheet HTML 7Page - Hirose Electric HSC Datasheet HTML 8Page - Hirose Electric HSC Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
30
HSCM-2SPH2-B1,B2
HSCM-2SPH3-B1,B2
For Single mode
(For Cable Diameter: 2mm&3mm)
HSCM-2GPH2-B1
HSCM-2GPH3-B1
For Multi mode
(For Cable Diameter: 2 mm & 3mm)
Duplex type
<Complies with ANSI
Standard for adjustable Type>
F type
F type
Fixed attenuators
Terminators
Plug type
Plug Housing
(For Cable Diameter: 2mm&3mm)
HSCF-2PH2-E1,E2
HSCF-2PH3-B1,B2
Panel Mounting
HSCF-2A(P)
HSCF-2A-D(P)
H type
H type
Plug Housing
(For Cable Diameter: 2 mm & 3mm)
HSCH-2PH2-B1,B2
HSCH-2PH3-B1,B2
Snap - in
HSCH-2A1(P)
HSCH-2A1-D(P)
Screw Mounting
HSCH-2A(P)
HSCH-2A-D(P)
For single mode
HSC-AT 11K-A**
For GI
HSC-AT5S-B**A
HSC-TM-P1
Tool- Insertion/Removal
HSC2-TM-P1
Receptacle type
HSC-TM-R1
Tool Insertion/Removal
HSC2-TM-R1
<Adapters>
<Plug Housings>
See Page 85 for details.
See Page 89 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com