Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSC Datasheet(PDF) 9 Page - Hirose Electric

Part # HSC
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC Datasheet(HTML) 9 Page - Hirose Electric

Back Button HSC Datasheet HTML 5Page - Hirose Electric HSC Datasheet HTML 6Page - Hirose Electric HSC Datasheet HTML 7Page - Hirose Electric HSC Datasheet HTML 8Page - Hirose Electric HSC Datasheet HTML 9Page - Hirose Electric HSC Datasheet HTML 10Page - Hirose Electric HSC Datasheet HTML 11Page - Hirose Electric HSC Datasheet HTML 12Page - Hirose Electric HSC Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
35
sConversion adapters
qFC / SC Screw Mounting
qFC / SC Snap-in and/or Screw Mounting
qST / SC Screw Mounting
BPanel cut-out
BPanel cut-out
BPanel cut-out
Ø19
Ø9
13.4
9
2-Ø2.2
13.7
14.7
28.4
Ø9
M8∞0.75
M8∞0.75
13.4
9.4
21.2
Ø2.3
18
7.4
21.2
12.2
3.5
5.5
or 2-Ø2.4
2-M2∞0.4
0.5
0.5
13.4±0.1
+0.2
+0.5
Ø9
or 2-Ø2.4
2-M2∞0.4
+0.5
0.5
+0.5
+0.5
±0.1
13.4±0.1
+0.2
+0.5
or 2-Ø2.4
2-M2∞0.4
+0.2
+0.5
13.4
Panel thickness: 1.6mm
CL No.
704-0021-3-51
Part Number
HSCJ-HRFCJ-B(51)
Split sleeve
Copper alloy
CL No.
704-0206-9-51
Part Number
HSCJ-HRFCJ-C(51)
Split sleeve
Copper alloy
CL No.
704-0102-3-51
Part Number
HSCJ-HSTJ-B(51)
Split sleeve
Copper alloy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com