Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT20803LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT20803LE
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20803LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT20803LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8560A
09/27/04
PinConfiguration(PI49FCT20802)
Features
• High Frequency >150 MHz
• High-speed, low-noise, non-inverting clock buffer
– PI49FCT20802 is a 1:5 buffer
– PI49FCT20803 is a 1:7 buffer
• Low skew < 150ps
• Low duty cycle distortion < 300ps
• Low propagation delay < 3.5ns
• Multiple VDD, GND pins for noise reduction
• 2.5V supply voltage and 3V tolerant input
• Packages:
- 16-pin TSSOP (L)
- 16-pin QSOP (Q)
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
1:5/1:7 2.5V Clock Buffer for
Networking Applications
PI49FCT20802/
PI49FCT20803
Description
The PI49FCT2080x is 2.5V, high-speed, low noise, non-inverting
clock buffer. It is designed to target networking applications that
require low-skew, low-jitter, and high-frequency clock distribution.
It provides output-to-output skew as low as 150ps, and is an ideal
clock distribution device for synchronous systems. PI49FCT2080x
is a clock buffer from a single input that produces five outputs
on PI49FCT20802 and seven outputs on PI49FCT20803.
PI49FCT2080x is characterized for operation from –40°C to 85°C.
1
2
3
VDD
4
CLK1
5
CLK0
6
NC
7
VDD
8
GND
VDD
CLK3
GND
VDD
NC
GND
16
15
14
13
12
11
10
9
BUF_IN
GND
CLK2
CLK4
CLK4
CLK2
CLK1
CLK0
BUF_IN
CLK3
PinConfiguration(PI49FCT20803)
1
2
3
VDD
4
CLK1
5
CLK0
6
CLK2
7
VDD
8
GND
VDD
CLK5
GND
VDD
CLK3
GND
16
15
14
13
12
11
10
9
BUF_IN
GND
CLK4
CLK6
CLK6
CLK2
CLK1
CLK0
BUF_IN
CLK3
Block Diagram (PI49FCT20802)
Block Diagram (PI49FCT20803)


Similar Part No. - PI49FCT20803LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20803LE PERICOM-PI49FCT20803LE Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20803LE PERICOM-PI49FCT20803LE Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results

Similar Description - PI49FCT20803LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3802 PERICOM-PI49FCT3802 Datasheet
436Kb / 6P
1:5/1:7 Clock Buffer for Networking Applications
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
PI6C10804WEX PERICOM-PI6C10804WEX Datasheet
373Kb / 7P
1.5V/1.8V/2.5V, 180MHz, 1:4 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
1-10 Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
1:5/1:7 2.5V Clock Buffer for Networking Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com