Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT20803LE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT20803LE
Description  1:5/1:7 2.5V Clock Buffer for Networking Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT20803LE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT20803LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT20803LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PS8560A
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT20802/PI49FCT20803
1:5/1:7 2.5V Clock Buffer for
NetworkingApplications
Notes:
4. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
5. Typical values are at VDD = 2.5V, +25°C ambient and maximum loading.
6. Per TTL driven input (VIN = VDD – 0.6V); all other inputs at VDD or GND.
Capacitance (TA =25°C,f=1MHz)
Note:
7. This parameter is determined by device characterization but is not production tested.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
4
(
.
n
i
M.
p
y
T
)
5
(
.
x
a
Ms
t
i
n
U
I Q
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
QV N
I
V
r
o
0
=
D
D
1
.
00
2
A
µ
∆I D
D
s
t
u
p
n
I
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
SV N
I
V
=
D
D
V
6
.
0
–
)
6
(
7
40
0
3
I D
D
)
1
h
p
a
r
G
e
e
S
(
t
n
e
r
r
u
C
y
l
p
p
u
S
c
i
m
a
n
y
DV D
D
,
d
a
o
l
m
h
o
-
3
3
&
F
p
5
1
,
V
7
.
2
=
z
H
M
0
5
1
=
f
6
3
1A
m
PowerSupplyCharacteristics
Graph 1. Dynamic Current vs. Clock Frequency
160
140
120
100
80
60
Clock Frequency [MHz]
40
20
0
0
50
100
150
200
Load = 15pF & 33 ohms
Load = 0
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
Tp
y
T
)
7
(
.
x
a
Ms
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV N
I
V
0
=3
4
F
p
C T
U
O
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
OV T
U
O
V
0
=6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com