Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDM-12D1AX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # SLDM-12D1AX
Description  Non-Isolated DC-DC Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDM-12D1AX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  SLDM-12D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDM-12D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
SLDM-12D1Ax
tech.support@psbel.com
belpowersolutions.com
4. OUTPUT SPECIFICATIONS
All specifications are typical at nominal input, full load at 25°C unless otherwise stated.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Output Voltage Set Point
with 0.1% tolerance for external resistor used
to set output voltage
-1.0
-
1.0
%Vo,set
Output Voltage
Over all operating input voltage, resistive
load, and temperature conditions until end of
life
-0.3
-
0.3
%Vo,set
PMBus Adjustable Output Voltage Range
-25
0
25
%Vo,set
PMBus Output Voltage Adjustment Step
Size
0.4
-
-
%Vo,set
Adjustment Range
Some output voltages may not be possible
depending on the input voltage – see Feature
Descriptions Section
0.6
-
5.5
V
Remote Sense Range
-
-
0.5
V
Load Regulation
VO ≥ 2.5V
VO < 2.5V
IO=IO, min to IO, max
-
-
-
-
10
10
mV
mV
Line Regulation
VO ≥ 2.5V
VO < 2.5V
VIN=VIN, min to VIN, max
-
-
-
-
0.4
5
%Vo,set
mV
Temperature Regulation
Tref=TA, min to TA, max
-
-
0.4
%Vo,set
Ripple and Noise(Pk-Pk)
5Hz to 20MHz BW, VIN=VIN, nom and IO=IO,
min
to IO, max Co = 0.1uF // 22 uF ceramic
capacitors)
-
50
100
mV
Ripple and Noise(RMS)
-
20
38
mV
Output Current Range
in either sink or source mode
0
-
12
A
Output Current Limit Inception
Current limit does not operate in sink mode
-
130
-
%Io,max
Output Short-Circuit Current
Vo≤250mV, Hiccup Mode
-
1.5
-
Arms
Output Capacitance
ESR≥ 1 mΩ
ESR≥0.15 mΩ
ESR≥ 10 mΩ
Without the Tunable LoopTM
With the Tunable LoopTM
With the Tunable LoopTM
2x47
2x47
2x47
-
-
-
2x47
1000
10000
uF
uF
uF
Turn-On Delay Times
(VIN=VIN, nom, IO=IO, max , VO to within
±1% of steady state)
Case 1: On/Off input is enabled and then
input power is applied(delay from instant at
which VIN = VIN, min until Vo = 10% of Vo,
set)
-
0.9
-
ms
Case 2: Input power is applied for at least
one second and then the On/Off input is
enabled (delay from instant at which Von/Off
is enabled until Vo = 10% of Vo, set)
-
0.8
-
ms
Output voltage Rise time
time for Vo to rise from 10% of Vo, set to
90% of Vo, set
-
2
-
ms
Output voltage overshoot With or without
maximum external capacitance
TA = 25°C VIN= VIN, min to VIN, max,IO =
IO, min to IO, max
-
-
3
% VO,set
Notes: 1. Some output voltages may not be possible depending on the input voltage.
2. External capacitors may require using the new Tunable LoopTM feature to ensure that the module is stable as well as getting the best
transient response (See the Tunable LoopTM section for details).
3. Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com