Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7481WBBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7481WBBCZ
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481WBBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7481WBBCZ Datasheet HTML 14Page - Analog Devices ADV7481WBBCZ Datasheet HTML 15Page - Analog Devices ADV7481WBBCZ Datasheet HTML 16Page - Analog Devices ADV7481WBBCZ Datasheet HTML 17Page - Analog Devices ADV7481WBBCZ Datasheet HTML 18Page - Analog Devices ADV7481WBBCZ Datasheet HTML 19Page - Analog Devices ADV7481WBBCZ Datasheet HTML 20Page - Analog Devices ADV7481WBBCZ Datasheet HTML 21Page - Analog Devices ADV7481WBBCZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
ADV7481
COMPONENT PROCESSOR
The ADV7481 has one any-to-any 3 × 3 CSC matrix. The CSC
block is located in the processing path before the CP section.
CSC enables YCbCr-to-RGB and RGB-to-YCbCr conversions.
Many other standards of color space can be implemented using
the color space converter.
CP features include
•
Support for all video modes supported by the HDMI/MHL
receiver. These include 525i, 625i, 525p, 625p, 1080i, 1080p,
and display resolutions from VGA (640 × 480 at 60 Hz) to
UXGA (1600 × 1200 at 60 Hz).
•
Manual adjustments including gain (contrast), offset
(brightness), hue, and saturation.
•
Free run output mode that provides stable timing when no
video input is present.
•
Timing adjustments controls for HS/VS/DE timing.
ANALOG FRONT END
The ADV7481 AFE comprises a single high speed, 10-bit ADC
that digitizes the analog video signal before applying it to the
SDP. The AFE uses differential channels to the ADC to ensure
high performance in mixed-signal applications and to enable
differential CVBS to be connected directly to the ADV7481.
Up to eight analog inputs can be connected to the AFE. The
front end also includes an 8-channel input mux that enables
different configurations of single-ended CVBS (up to eight),
pseudo differential or fully differential CVBS (up to four), Y/C
(up to four), and YPbPr (up to two) analog inputs.
Current clamps are positioned in front of the ADC to ensure
that the video signal remains within the range of the converter.
A resistor divider network is required before each analog input
channel to ensure that the input signal is within the range of the
ADC. Figure 14 shows a typical voltage divider network for
single-ended inputs, Figure 15 shows a typical voltage divider
network for pseudo differential inputs, and Figure 16 shows a
typical voltage divider network for fully differential inputs. The
choice of the resistor divider shown in Figure 16 provides a
common-mode range of up to 4 V in fully differential CVBS
input mode. Fine clamping of the video signal is performed
downstream by digital fine clamping within the ADV7481.
Figure 14. Typical Single-Ended Input Voltage Divider Network
Figure 15. Typical Pseudo Differential Input Resistor Divider Network
Figure 16. Typical Fully Differential Input Resistor Divider Network
The ADC features three clocking rates that allow 4×
oversampling per channel for CVBS mode, Y/C mode, and
YPbPr mode.
The fully differential AFE of the ADV7481 provides inherent
small and large signal noise rejection, improved electro-
magnetic interference (EMI) protection, and the ability to
absorb ground bounce. Support is provided for both true
differential and pseudo differential signals.
The main AFE features include
•
A single 172 MHz, 10-bit ADC that enables true 8-bit
video decoding.
•
8-channel analog input mux that enables multiple source
connections without the requirement of an external mux.
•
A current clamp control loop that ensures that any dc
offsets are removed from the video signal entering the SDP.
•
Diagnostic capability on all differential inputs.
•
Support for 4 V common-mode input range.
•
Support for analog input signals up to 1 V p-p.
•
Support for single-ended, pseudo differential, and fully
differential inputs.
SHORT TO BATTERY DIAGNOSTICS
In differential mode, the ADV7481 is protected against STB
events by ac coupling capacitors (see Figure 15 and Figure 16).
The input network resistors are sized to reduce the current flow
during an STB event, thus preventing damage to the resistors.
Note that the input network resistors and the ac coupling
capacitors must be chosen with ratings guaranteeing they are
able to withstand the high voltage of STB events.
The four diagnostic inputs of the ADV7481 provide diagnostic
capability for all differential inputs. The ADV7481 can detect an
STB event on either the positive or the negative composite input
and trigger an interrupt. The 75 Ω (pseudo differential) or 150 Ω
(fully differential) parallel termination resistor enables one
AIN
ANALOG
INPUT
51Ω
24Ω
100nF
AINx
AINy
ANALOG INPUT
ANALOG INPUT
CVBS_P
CVBS_N
1.3kΩ
1.3kΩ
75Ω
430Ω
430Ω
100nF
100nF
AINx
AINy
ANALOG INPUT
ANALOG INPUT
CVBS_P
CVBS_N
1.3kΩ
1.3kΩ
150Ω
430Ω
430Ω
100nF
100nF
Rev. 0 | Page 19 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com