Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7482 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7482
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7482 Datasheet HTML 4Page - Analog Devices ADV7482 Datasheet HTML 5Page - Analog Devices ADV7482 Datasheet HTML 6Page - Analog Devices ADV7482 Datasheet HTML 7Page - Analog Devices ADV7482 Datasheet HTML 8Page - Analog Devices ADV7482 Datasheet HTML 9Page - Analog Devices ADV7482 Datasheet HTML 10Page - Analog Devices ADV7482 Datasheet HTML 11Page - Analog Devices ADV7482 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADV7482
Data Sheet
MIPI VIDEO OUTPUT SPECIFICATIONS
AVDD = 1.71 V to 1.89 V, DVDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, MVDD = 1.71 V to 1.89 V, CVDD = 1.71 V to 1.89 V,
DVDDIO = 3.14 V to 3.46 V, and TVDD = 3.14 V to 3.46 V, specified at operating temperature range, unless otherwise noted.
The ADV7482 MIPI CSI-2 transmitters conform to the MIPI D-PHY Version 1.00.00 specification by characterization. The clock lane of
the ADV7482 remains in high speed (HS) mode even when the data lane enters low power (LP) mode. For this reason, some
measurements on the clock lane that pertain to low power mode are not applicable. Unless otherwise stated, all high speed measurements
were performed with the ADV7482 operating with a nominal 1 Gbps output data rate.
Table 3
Parameter
Symbol
Min
Typ
Max
Unit
UNIT INTERVAL1
UI
1
12.5
ns
DATA LANE LP Tx DC SPECIFICATIONS2
Thevenin Output
High Level
VOH
1.1
1.2
1.3
V
Low Level
VOL
−50
0
+50
mV
CLOCK LANE LP Tx DC SPECIFICATIONS2
Thevenin Output
High Level
VOH
1.1
1.2
1.3
V
Low Level
VOL
−50
0
+50
mV
DATA LANE HS Tx SIGNALING REQUIREMENTS
High Speed Differential Voltage Swing
|V1|
140
200
270
mV p-p
Differential Voltage Mismatch
10
mV
Single-Ended Output High Voltages
360
mV
Static Common-Mode Voltage Level
150
200
250
mV
CLOCK LANE HS Tx SIGNALING REQUIREMENTS
High Speed Differential Voltage Swing
|V2|
140
200
270
mV p-p
Differential Voltage Mismatch
10
mV
Single-Ended Output High Voltages
360
mV
Static Common-Mode Voltage Level
150
200
250
mV
HS Tx CLOCK TO DATA LANE TIMING REQUIREMENTS
Data to Clock Skew
0.35 × UI
0.65 × UI
ns
1
Guaranteed by design.
2
These measurements were performed with CLOAD = 50 pF.
ANALOG SPECIFICATIONS
AVDD = 1.71 V to 1.89 V, DVDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, MVDD = 1.71 V to 1.89 V, CVDD = 1.71 V to 1.89 V,
DVDDIO = 3.14 V to 3.46 V, and TVDD = 3.14 V to 3.46 V, specified at operating temperature range, unless otherwise noted.
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
Required by design
0.1
µF
Large Clamp
Source Current
0.32
mA
Sink Current
0.32
mA
Fine Clamp
Source Current
7
µA
Sink Current
7
µA
Rev. 0 | Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com