Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7482WBBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7482WBBCZ
Description  Integrated Video Decoder and HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7482WBBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7482WBBCZ Datasheet HTML 3Page - Analog Devices ADV7482WBBCZ Datasheet HTML 4Page - Analog Devices ADV7482WBBCZ Datasheet HTML 5Page - Analog Devices ADV7482WBBCZ Datasheet HTML 6Page - Analog Devices ADV7482WBBCZ Datasheet HTML 7Page - Analog Devices ADV7482WBBCZ Datasheet HTML 8Page - Analog Devices ADV7482WBBCZ Datasheet HTML 9Page - Analog Devices ADV7482WBBCZ Datasheet HTML 10Page - Analog Devices ADV7482WBBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADV7482
ANALOG VIDEO SPECIFICATIONS
AVDD = 1.71 V to 1.89 V, DVDD = 1.71 V to 1.89 V, PVDD = 1.71 V to 1.89 V, MVDD = 1.71 V to 1.89 V, CVDD = 1.71 V to 1.89 V,
DVDDIO = 3.14 V to 3.46 V, and TVDD = 3.14 V to 3.46 V, specified at operating temperature range, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS1, 2
Differential Phase
DP
CVBS input, modulated five-step
0.9
Degrees
Differential Gain
DG
CVBS input, modulated five-step
0.5
%
Luma Nonlinearity
LNL
CVBS input, five-step
2.0
%
NOISE SPECIFICATIONS
Signal-to-Noise Ratio, Unweighted2
SNR
Luma ramp
57.1
dB
Luma flat field
58
dB
Analog Front-End Crosstalk3
60
dB
Common-Mode Rejection Ratio2, 4
CMRR
73
dB
LOCK TIME SPECIFICATIONS
Horizontal Lock Range3
−5
+5
%
Vertical Lock Range3
40
70
Hz
Subcarrier Lock Range3
fSC
±1.3
kHz
Color Lock-In Time3
60
Lines
Synchronization Depth Range3
20
200
%
Color Burst Range3
5
200
%
Fast Switch Speed2, 5
100
ms
1
These specifications apply to all CVBS input types, as well as to single-ended and differential CVBS inputs.
2
Guaranteed by lab characterization.
3
Guaranteed by design.
4
The CMRR of this circuit design is critically dependent on the external resistor matching its inputs. This measurement was performed with 0.1% tolerant resistors, a
common-mode voltage of 1 V, and a common-mode frequency of 10 kHz.
5
The time it takes the ADV7482 to switch from one analog input (single ended or differential) to another, for example, switching from AIN1 to AIN2.
Rev. 0 | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com