Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7604 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7604
Description  12-Bit, 170 MHz, Video and Graphics Digitizer with Quad HDMI Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7604 Datasheet(HTML) 4 Page - Analog Devices

  ADV7604 Datasheet HTML 1Page - Analog Devices ADV7604 Datasheet HTML 2Page - Analog Devices ADV7604 Datasheet HTML 3Page - Analog Devices ADV7604 Datasheet HTML 4Page - Analog Devices ADV7604 Datasheet HTML 5Page - Analog Devices ADV7604 Datasheet HTML 6Page - Analog Devices ADV7604 Datasheet HTML 7Page - Analog Devices ADV7604 Datasheet HTML 8Page - Analog Devices ADV7604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV7604
Data Sheet
Rev. D | Page 4 of 20
SPECIFICATIONS
AVDD = 1.8 V ± 5%, DVDD = 1.8 V ± 5%, DVDDIO = 3.3 V ± 5%, PVDD = 1.8 V ± 5%, TVDD = 3.3 V ± 5%, CVDD = 1.8 V ± 5%,
TMIN to TMAX = −40°C to +70°C.
ANALOG, DIGITAL, HDMI, AND AC SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG
Clamp Circuitry
External Clamp Capacitor
100
nF
Input Impedance
Clamps switched off
10
MΩ
ADC Midscale (CML)
0.89
V
ADC Full-Scale Level
CML + 0.550
V
ADC Zero-Scale Level
CML − 0.550
V
ADC Dynamic Range
1.1
V
Clamp Level (WhenLocked)
Component input (Y signal)
CML − 0.130
V
Component input (Pr signal)
CML
V
Component input (Pb signal)
CML
V
PC RGB input (R, G, B)
CML − 0.130
V
DIGITAL INPUTS
Input High Voltage (VIH)
2
V
Input Low Voltage (VIL)
0.8
V
Input Current (IIN)
RESET pin
−60
+60
µA
Other digital inputs
−10
+10
µA
Input Capacitance (CIN)
10
pF
DIGITAL INPUTS (5 V TOLERANT)1
Input High Voltage (VIH)
2.6
V
Input Low Voltage (VIL)
0.8
V
Input Current (IIN)
SHARED_EDID pin
−150
+60
µA
Other 5 V digital inputs
−82
+82
µA
DIGITAL OUTPUTS
Output High Voltage (VOH)
2.4
V
Output Low Voltage (VOL)
0.4
V
High Impedance Leakage Current (ILEAK)
10
µA
Output Capacitance (COUT)
20
pF
HDMI
TMDS Differential Pin Capacitance
0.3
pF
AC SPECIFICATIONS
Intrapair (+ to −) Differential Input Skew for TMDS
Clock Rates up to 222.75 MHz
0.4 TBIT
ps
Intrapair (+ to −) Differential Input Skew for TMDS
Clock Rates Above 222.75 MHz
0.15 TBIT
+ 112
ps
Channel-to-ChannelDifferentialInput Skew
0.2 tPIXEL +
1.78
ns
TMDS Input Clock Range
25
225
MHz
Input Clock Jitter Tolerance
0.5
0.25 TBIT
TBIT
1
The following pins are 5 V tolerant: HS_IN1, HS_IN2, VS_IN1, VS_IN2, DDCA_SCL, DDCA_SDA, DDCB_SCL, DDCB_SDA, DDCC_SCL, DDCC_SDA, DDCD_SCL, DDCD_SDA,
RXA_5V, RXB_5V, RXC_5V, RXD_5V, SHARED_EDID, PWRDN, EP_MISO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com