Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMXSF Datasheet(PDF) 1 Page - AVX Corporation

Part # LMXSF
Description  Magnetically Shielded Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSF Datasheet(HTML) 1 Page - AVX Corporation

  LMXSF Datasheet HTML 1Page - AVX Corporation LMXSF Datasheet HTML 2Page - AVX Corporation LMXSF Datasheet HTML 3Page - AVX Corporation LMXSF Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
23
LMax SMD Power Inductor
LMXS Series – Shielded Style F
DIMENSIONS
4R7
A
C
D
G
B
EPOXY
0.1 typ.
E
F
H
I
H
Type
A
B
C
D
E
F
G
H
I
0606
6.00 ± 0.20
6.00 ± 0.20
2.50 ± 0.20
2.00 ± 0.10
3.00 typ
1.50 typ
2.20
2.00
2.60
(0.236 ± 0.008) (0.236 ± 0.008) (0.099 ± 0.008) (0.079 ± 0.004)
(0.118 typ)
(0.059 typ)
(0.087)
(0.079)
(0.103)
06C6
6.00 ± 0.20
6.00 ± 0.20
2.80 ± 0.20
2.00 ± 0.10
3.00 typ
1.50 typ
2.20
2.00
2.60
(0.236 ± 0.008) (0.236 ± 0.008) (0.110 ± 0.008) (0.079 ± 0.004)
(0.118 typ)
(0.059 typ)
(0.087)
(0.079)
(0.103)
0707
7.00 ± 0.20
7.00 ± 0.20
2.80 ± 0.20
2.00 ± 0.10
4.00 typ
1.50 typ
2.20
2.00
3.60
(0.276 ± 0.008) (0.276 ± 0.008) (0.110 ± 0.008) (0.079 ± 0.004)
(0.193 typ)
(0.059 typ)
(0.087)
(0.079)
(0.103)
07C7
7.00 ± 0.20
7.00 ± 0.20
3.20 ± 0.20
2.00 ± 0.10
4.00 typ
1.50 typ
2.20
2.00
3.60
(0.276 ± 0.008) (0.276 ± 0.008) (0.126 ± 0.008) (0.079 ± 0.004)
(0.193 typ)
(0.059 typ)
(0.087)
(0.079)
(0.142)
07E7
7.00 ± 0.20
7.00 ± 0.20
4.50 ± 0.30
2.00 ± 0.10
4.00 typ
1.50 typ
2.20
2.00
3.60
(0.276 ± 0.008) (0.276 ± 0.008) (0.177 ± 0.012) (0.079 ± 0.004)
(0.193 typ)
(0.059 typ)
(0.087)
(0.079)
(0.142)
1010
10.1 ± 0.30
10.1 ± 0.30
4.50 ± 0.30
3.00 ± 0.10
6.00 ± 0.20
2.00 ± 0.15
3.20
2.50
5.60
(0.398 ± 0.012) (0.398 ± 0.012) (0.177 ± 0.012) 0.118 ± 0.004) (0.236 ± 0.008) (0.079 ± 0.006)
(0.126)
(0.099)
(0.220)
1313
12.5 ± 0.30
12.5 ± 0.30
5.50 ± 0.30
3.00 ± 0.10
8.60 ± 0.30
2.00 ± 0.15
3.20
2.50
8.20
(0.492 ± 0.012) (0.492 ± 0.012) (0.217 ± 0.012) 0.118 ± 0.004) 0.339 ± 0.012) (0.079 ± 0.006)
(0.126)
(0.099)
(0.322)
131H
12.5 ± 0.30
12.5 ± 0.30
6.50 ± 0.35
3.00 ± 0.10
8.60 ± 0.30
2.00 ± 0.15
3.20
2.50
8.20
(0.492 ± 0.012) (0.492 ± 0.012) (0.256 ± 0.014) 0.118 ± 0.004) 0.339 ± 0.012) (0.079 ± 0.006)
(0.126)
(0.099)
(0.322)
131J
12.5 ± 0.30
12.5 ± 0.30
7.50 ± 0.35
3.00 ± 0.10
8.60 ± 0.30
2.00 ± 0.15
3.20
2.50
8.20
(0.492 ± 0.012) (0.492 ± 0.012) (0.295 ± 0.014) 0.118 ± 0.004) 0.339 ± 0.012) (0.079 ± 0.006)
(0.126)
(0.099)
(0.322)
mm (inches)
LM
Family
LM = Power Inductor
XS
Series
XS = Shielded
0707
Size
0707 = 7x7xh
07C7 = 7x7xC(h)
(h = see catalog)
M
Tolerance
M = ±20%
S
Packaging
S = 13" Reel
2R2
Inductance
2R2 = 2.20μH
680 = 68.0μH
152 = 1500μH
F
Style
T
Termination
T = Sn Plate
A
Special
A = Standard
HOW TO ORDER
FEATURES
• Magnetically Shielded Construction
• Large Current
• Low DCR
APPLICATIONS
• Telephones
• PCs
• Notebooks
• Hard Disk Drives
• Peripherals
CHARACTERISTICS
• Rated Current (IDC): The DC current that will cause an
approximate ΔT of 40°C. (Ta=25°C)
• Operating temperature range: -40°C ~ +125°C
INDUCTANCE AND RATED
CURRENT RANGES
• 0606
4.7μH ~ 100.0μH
1.50 ~ 0.33A
• 06C6
4.7μH ~ 100.0μH
1.60 ~ 0.42A
• 0707
3.3μH ~ 47.0μH
1.60 ~ 0.54A
• 07C7
3.3μH ~ 1000.0μH
1.90 ~ 0.13A
• 07E7
3.3μH ~ 1000.0μH
2.30 ~ 0.14A
• 1010
10.0μH ~ 1500.0μH
2.50 ~ 0.22A
• 1313
6.0μH ~ 1500.0μH
3.60 ~ 0.29A
• 131H
2.0μH ~ 220.0μH
6.20 ~ 1.00A
• 131J
1.2μH ~ 220.0μH
8.20 ~ 1.30A
• Electrical specifications at 25°C


Similar Part No. - LMXSF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXS0704M390DTAS AVX-LMXS0704M390DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M391DTAS AVX-LMXS0704M391DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M392DTAS AVX-LMXS0704M392DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M3R9DTAS AVX-LMXS0704M3R9DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704MR04DTAS AVX-LMXS0704MR04DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
More results

Similar Description - LMXSF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
Magnetically shielded construction
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
Magnetically shielded construction.
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
Ferrite core construction, Magnetically shielded
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
Magnetically shielded construction
logo
AVX Corporation
LMXSL AVX-LMXSL Datasheet
86Kb / 2P
Magnetically Shielded Construction
logo
Bel Fuse Inc.
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com