Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC802 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 16Page - NXP Semiconductors LPC802 Datasheet HTML 17Page - NXP Semiconductors LPC802 Datasheet HTML 18Page - NXP Semiconductors LPC802 Datasheet HTML 19Page - NXP Semiconductors LPC802 Datasheet HTML 20Page - NXP Semiconductors LPC802 Datasheet HTML 21Page - NXP Semiconductors LPC802 Datasheet HTML 22Page - NXP Semiconductors LPC802 Datasheet HTML 23Page - NXP Semiconductors LPC802 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
20 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
9.11.1 Features
Pin interrupts
– Up to eight pins can be selected from all digital pins as edge- or level-sensitive
interrupt requests. Each request creates a separate interrupt in the NVIC.
– Edge-sensitive interrupt pins can interrupt on rising or falling edges or both.
– Level-sensitive interrupt pins can be HIGH- or LOW-active.
– Pin interrupts can wake up the LPC802 from sleep mode, deep-sleep mode, and
power-down mode.
9.12 USART0/1
All USART functions are movable functions and are assigned to pins through the switch
matrix.
9.12.1 Features
Maximum bit rates of 1.875 Mbit/s in asynchronous mode and 10 Mbit/s in
synchronous mode for USART functions connected to all digital pins.
7, 8, or 9 data bits and 1 or 2 stop bits
Synchronous mode with master or slave operation. Includes data phase selection and
continuous clock option.
Multiprocessor/multidrop (9-bit) mode with software address compare. (RS-485
possible with software address detection and transceiver direction control.)
Parity generation and checking: odd, even, or none.
One transmit and one receive data buffer.
RTS/CTS for hardware signaling for automatic flow control. Software flow control can
be performed using Delta CTS detect, Transmit Disable control, and any GPIO as an
RTS output.
Received data and status can optionally be read from a single register
Break generation and detection.
Receive data is 2 of 3 sample "voting". Status flag set when one sample differs.
Built-in Baud Rate Generator.
A fractional rate divider is shared among all UARTs.
Interrupts available for Receiver Ready, Transmitter Ready, Receiver Idle, change in
receiver break detect, Framing error, Parity error, Overrun, Underrun, Delta CTS
detect, and receiver sample noise detected.
Separate data and flow control loopback modes for testing.
Baud rate clock can also be output in asynchronous mode.
9.13 SPI0
All SPI functions are movable functions and are assigned to pins through the switch
matrix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com