Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC802 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC802
Description  32-bit ARM Cortex-M0 microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC802 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC802 Datasheet HTML 21Page - NXP Semiconductors LPC802 Datasheet HTML 22Page - NXP Semiconductors LPC802 Datasheet HTML 23Page - NXP Semiconductors LPC802 Datasheet HTML 24Page - NXP Semiconductors LPC802 Datasheet HTML 25Page - NXP Semiconductors LPC802 Datasheet HTML 26Page - NXP Semiconductors LPC802 Datasheet HTML 27Page - NXP Semiconductors LPC802 Datasheet HTML 28Page - NXP Semiconductors LPC802 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
LPC802
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.6 — 27 April 2018
25 of 83
NXP Semiconductors
LPC802
32-bit ARM Cortex-M0+ microcontroller
9.20 Analog-to-Digital Converter (ADC)
The ADC supports a resolution of 12 bit and fast conversion rates of up to
480 KSamples/s. Sequences of analog-to-digital conversions can be triggered by multiple
sources. Possible trigger sources are the pin triggers, the analog comparator output, and
the ARM TXEV.
The ADC includes a hardware threshold compare function with zero-crossing detection.
Remark: For best performance, select VREFP and VREFN at the same voltage levels as
VDD and VSS. When selecting VREFP and VREFN different from VDD and VSS, ensure
that the voltage midpoints are the same:
(VREFP-VREFN)/2 + VREFN = VDD/2
9.20.1 Features
12-bit successive approximation analog to digital converter.
12-bit conversion rate of up to 480 KSamples/s.
Two configurable conversion sequences with independent triggers.
Optional automatic high/low threshold comparison and zero-crossing detection.
Power-down mode and low-power operating mode.
Measurement range VREFN to VREFP (not to exceed VDD voltage level).
Burst conversion mode for single or multiple inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com