Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMXSL Datasheet(PDF) 2 Page - AVX Corporation

Part # LMXSL
Description  Magnetically Shielded Construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSL Datasheet(HTML) 2 Page - AVX Corporation

  LMXSL Datasheet HTML 1Page - AVX Corporation LMXSL Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
35
LMax SMD Power Inductor
LMXS Series – Shielded Style L
1010
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
0R8
0.8
N
100KHz, 1.0V
0.0057
11.2
1R5
1.5
N
100KHz, 1.0V
0.011
8.00
2R2
2.2
N
100KHz, 1.0V
0.0159
6.70
3R3
3.3
N
100KHz, 1.0V
0.021
5.56
4R7
4.7
N
100KHz, 1.0V
0.030
4.55
6R8
6.8
N
100KHz, 1.0V
0.035
3.84
8R0
8.0
N
100KHz, 1.0V
0.050
3.54
100
10
N
100KHz, 1.0V
0.059
3.18
150
15
N
100KHz, 1.0V
0.091
2.60
220
22
N
100KHz, 1.0V
0.143
2.16
330
33
N
100KHz, 1.0V
0.202
1.74
470
47
N
100KHz, 1.0V
0.299
1.43
101D
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
1R5
1.5
N
100KHz, 1.0V
0.0081
10.0
2R5
2.5
N
100KHz, 1.0V
0.010
7.50
3R8
3.8
N
100KHz, 1.0V
0.013
6.00
4R7
4.7
N
100KHz, 1.0V
0.022
5.50
5R2
5.2
N
100KHz, 1.0V
0.022
5.50
7R0
7.0
N
100KHz, 1.0V
0.027
4.80
100
10
N
100KHz, 1.0V
0.035
4.40
150
15
N
100KHz, 1.0V
0.050
3.60
220
22
N
100KHz, 1.0V
0.073
2.90
330
33
N
100KHz, 1.0V
0.093
2.30
470
47
N
100KHz, 1.0V
0.128
2.10
680
68
N
100KHz, 1.0V
0.213
1.50
101
100
N
100KHz, 1.0V
0.304
1.35
151
150
N
100KHz, 1.0V
0.506
1.15
221
220
N
100KHz, 1.0V
0.756
0.92
331
330
N
100KHz, 1.0V
1.090
0.70
ELECTRICAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com