Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMXSL Datasheet(PDF) 1 Page - AVX Corporation

Part # LMXSL
Description  Magnetically Shielded Construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSL Datasheet(HTML) 1 Page - AVX Corporation

  LMXSL Datasheet HTML 1Page - AVX Corporation LMXSL Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
34
LMax SMD Power Inductor
LMXS Series – Shielded Style L
DIMENSIONS
B
A
D
C
Recommended
Solder PAD Layout
E
F
I
G
I
H
LM
Family
LM = Power Inductor
XS
Series
XS = Shielded
1010
Size
1010 = 10x10xh
101D = 10x10xD(h)
(h = see catalog)
N
Tolerance
N = ±30%
S
Packaging
S = 13" Reel
2R2
Inductance
0R8 = 0.8μH
470 = 47.00μH
331 = 330.0μH
L
Style
T
Termination
T = Sn Plate
A
Special
A = Standard
HOW TO ORDER
FEATURES
• Magnetically Shielded Construction
• Large Current
• Low DCR
APPLICATIONS
• LCD Televisions
• Notebooks
• Camcorders
• Digital Cameras
• DC/DC Converters for Portable Devices
CHARACTERISTICS
• Rated Current (IDC): The DC current that will cause an
approximate
ΔT of 40°C. (Ta=25°C)
• Operating temperature range: -40°C ~ +125°C
INDUCTANCE AND RATED
CURRENT RANGES
• 1010
0.8uH ~ 47.0uH
11.2 ~ 1.43A
• 101D
1.5uH ~ 330uH
10.0 ~ 0.70A
• Electrical specifications at 25°C
Type
A max
B max
C max
D
E
F
G
H
I
1010
10.3
10.5
3.10
3.00 ± 0.10
7.70 ± 0.30
1.20 ± 0.150
7.30
3.20
1.60
(0.398)
(0.414)
(0.122)
(0.119 ± 0.004) (0.303 ± 0.012) (0.048 ± 0.006)
(0.288)
(0.126)
(0.630)
101D
10.3
10.5
3.80 ± 0.20
3.00 ± 0.1
7.70 ± 0.30
1.2 ± 0.15
7.30
3.20
1.60
(0.398)
(0.414)
(0.150 ± 0.008) (0.119 ± 0.004) (0.303 ± 0.012) (0.048 ± 0.006)
(0.288)
(0.126)
(0.630)
mm (inches)


Similar Part No. - LMXSL

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXS0704M390DTAS AVX-LMXS0704M390DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M391DTAS AVX-LMXS0704M391DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M392DTAS AVX-LMXS0704M392DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M3R9DTAS AVX-LMXS0704M3R9DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704MR04DTAS AVX-LMXS0704MR04DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
More results

Similar Description - LMXSL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D48AA SUMIDA-CDRH10D48AA Datasheet
228Kb / 2P
Magnetically shielded construction
CDRH2D11 SUMIDA-CDRH2D11_13 Datasheet
136Kb / 4P
Magnetically shielded construction.
CDPQ2010 SUMIDA-CDPQ2010 Datasheet
291Kb / 4P
Ferrite core construction, Magnetically shielded
logo
List of Unclassifed Man...
SCRH6D28 ETC2-SCRH6D28 Datasheet
227Kb / 1P
Magnetically shielded construction, Excellent Power Density
logo
TOKO, Inc
181LY-102J TOKO-181LY-102J Datasheet
260Kb / 2P
Magnetically shielded construction
logo
AVX Corporation
LMXSF AVX-LMXSF Datasheet
91Kb / 4P
Magnetically Shielded Construction
logo
Bel Fuse Inc.
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com