Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2467 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA2467
Description  Low-Voltage Dual DPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2467 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA2467 Datasheet HTML 1Page - ON Semiconductor FSA2467 Datasheet HTML 2Page - ON Semiconductor FSA2467 Datasheet HTML 3Page - ON Semiconductor FSA2467 Datasheet HTML 4Page - ON Semiconductor FSA2467 Datasheet HTML 5Page - ON Semiconductor FSA2467 Datasheet HTML 6Page - ON Semiconductor FSA2467 Datasheet HTML 7Page - ON Semiconductor FSA2467 Datasheet HTML 8Page - ON Semiconductor FSA2467 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2467 Rev. 1.0.8
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
5.0
V
VS
Switch Voltage
-0.5
VCC+0.3
V
VIN
Input Voltage
-0.5
5.0
V
IIK
Input Diode Current
-50
mA
ISW
Switch Current
350
mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms duration, <10% Duty Cycle)
500
mA
TSTG
Storage Temperature Range
-65
+150
ºC
TJ
Junction Temperature
+150
ºC
TL
Lead Temperature, Soldering 10 Seconds
+260
ºC
ESD
Electrostatic Discharge Capability
Human Body Model,
JESD22-A114
5.5
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.65
4.30
V
VIN
Control Input Voltage
(1)
0
VCC
V
Vs
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
ºC
Note:
1.
Unused inputs must be held HIGH or LOW. They may not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com