Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA2467 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSA2467
Description  Low-Voltage Dual DPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2467 Datasheet(HTML) 5 Page - ON Semiconductor

  FSA2467 Datasheet HTML 1Page - ON Semiconductor FSA2467 Datasheet HTML 2Page - ON Semiconductor FSA2467 Datasheet HTML 3Page - ON Semiconductor FSA2467 Datasheet HTML 4Page - ON Semiconductor FSA2467 Datasheet HTML 5Page - ON Semiconductor FSA2467 Datasheet HTML 6Page - ON Semiconductor FSA2467 Datasheet HTML 7Page - ON Semiconductor FSA2467 Datasheet HTML 8Page - ON Semiconductor FSA2467 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2467 Rev. 1.0.8
4
DC Electrical Characteristics
Typical values are at 25ºC unless otherwise specified.
Symbol
Parameter
Condition
VCC (V)
TA = +25ºC
TA = -40 to
+85ºC
Unit
Min.
Typ.
Max.
Min
Max.
VIH
Input Voltage High
4.3
1.4
V
2.7 to 3.6
1.3
2.3 to 2.7
1.1
1.65 to 1.95
0.9
VIL
Input Voltage Low
4.3
0.7
V
2.7 to 3.6
0.5
2.3 to 2.7
0.4
1.65 to 1.95
0.4
IIN
Control Input Leakage
VIN=0V to VCC
1.65 to 4.30
-0.5
0.5
μA
INO(OFF)
INC(OFF)
Off Leakage Current of
Port nB0 and nB1
nA=0.3V, VCC-0.3V
1.95 to 4.30
-10
10
-50
50
nA
nB0 or nB1=0.3V, VCC-
0.3V or floating
IA(ON)
On Leakage Current of
Port A
nA=0.3V,VCC-0.3V
1.95 to 4.30
-10
10
-50
50
nA
nB0 or nB1=0.3V, VCC-
0.3V or Floating
RON
Switch On
Resistance
(2)
IOUT=100mA
4.3
0.4
0.6
Ω
nB0 or nB1=0V,0.8V,
1.8V,2.7V
2.7
0.4
0.6
IOUT=100mA, nB0 or
nB1=0V,0.7V, 1.2V, 2.3V
2.3
0.55
0.95
IOUT=100mA, nB0 or
nB1=1.0V
1.8
0.8
2.0
ΔR
ON
On Resistance
Matching Between
Channels
(3)
IOUT=100mA, nB0 or
nB1=0.8V
2.7
0.04
0.10
Ω
IOUT=100mA, nB0 or
nB1=0.7V
2.3
0.03
0.10
RFLAT(ON)
On Resistance
Flatness
(4)
IOUT=100mA, B0 or
nB1=0V to VCC
2.7
0.25
Ω
2.3
0.3
ICC
Quiescent Supply
Current
VIN=0V to VCC IOUT=0V
4.3
-100
100
-500
500
nA
ICCT
Increase in ICC Current
per Control Voltage
VIN=1.8V
4.3
7
12
15
μA
VIN=2.6V
4.3
3
6
7
Notes
:
2.
On resistance is determined by the voltage drop between A and B pins at the indicated current through the switch.
3.
∆ R
ON=RON max
– R
ON min measured at identical VCC, temperature and voltage.
4.
Flatness is defined as the difference between the maximum and minimum value of on resistance over the
specified range of conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com