Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5595G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR5595G-S08-R
Description  DDR TERMINATION REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5595G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UR5595G-S08-R Datasheet HTML 1Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 2Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UR5595
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
2 of 11
www.unisonic.com.tw
QW-R502-062.C
M ARK I N G
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO
PIN NAME
DESCRIPTION
1
NC
No internal connection. Can be used for vias.
2
GND
Ground.
3
VSENSE
Feedback pin for regulating VOUT.
4
VREF
Buffered internal reference voltage of VDDQ/2.
5
VDDQ
Input for internal reference equal to VDDQ/2.
6
AVIN
Analog input pin.
7
PVIN
Power input pin.
8
VTT
Output voltage for connection to termination resistors.
BLOCK DI AGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com