Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5595G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR5595G-S08-R
Description  DDR TERMINATION REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5595G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UR5595G-S08-R Datasheet HTML 1Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 2Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5595G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UR5595
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 11
www.unisonic.com.tw
QW-R502-062.C
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
PVIN, AVIN, VDDQ to GND
VDD
-0.3 ~ +6
V
AVIN to GND(Note 1)
VDD
2.2 ~ 5.5
V
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
0 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1.Signified recommend operating range that indicates conditions for which the device is intended to be
functional, but does not guarantee specific performance limits.
2.Absolute maximum ratings indicate limits beyond which damage to the device may occur.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction-Ambient
θJA
150
°C/W
ELECT RI CAL CH ARACT ERI ST I CS
(TJ=25°C, VIN=AVIN=PVIN=2.5V, VDDQ=2.5V, unless otherwise specified).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF Voltage
VREF
VIN = VDDQ = 2.3V
VIN = VDDQ = 2.5V
VIN = VDDQ = 2.7V
1.135
1.235
1.335
1.158
1.258
1.358
1.185
1.285
1.385
V
VTT Output Voltage
IOUT = 0A
VTT
VIN = VDDQ = 2.3V
VIN = VDDQ = 2.5V
VIN = VDDQ = 2.7V
1.125
1.225
1.325
1.159
1.259
1.359
1.190
1.290
1.390
V
IOUT = ±1.5A
VIN = VDDQ = 2.3V
VIN = VDDQ = 2.5V
VIN = VDDQ = 2.7V
1.125
1.225
1.325
1.159
1.259
1.359
1.190
1.290
1.390
VTT Output Voltage Offset (VREF - VTT)
VO(OFF)VTT
IOUT = 0A
IOUT = -1.5A
IOUT = +1.5A
-20
-25
-25
0
0
0
20
25
25
mV
Quiescent Current
IQ
IOUT = 0A
320
500
μA
VSENSE Input Current
ISENSE
13
nA
VREF Output Impedance
ZVREF
IREF = -30 ~ +30
μA
2.5
k
Ω
VDDQ Input Impedance
ZVDDQ
100
k
Ω
Thermal Shutdown
TSHDN
165
℃
Thermal Shutdown Hysteresis
THYS
10
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com