Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2KA Datasheet(PDF) 1 Page - Mini-Circuits

Part # EP2KA
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2KA Datasheet(HTML) 1 Page - Mini-Circuits

  EP2KA Datasheet HTML 1Page - Mini-Circuits EP2KA Datasheet HTML 2Page - Mini-Circuits EP2KA Datasheet HTML 3Page - Mini-Circuits EP2KA Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Power Splitter/Combiner
MMIC Surface Mount
CASE STYLE: JV2579-1
Feature
Advantages
Wideband, 10 to 43.5 GHz
One power splitter can be used in many applications, saving component count. Also ideal
for wideband applications such as military and instrumentation.
Excellent Amplitude Unbalance (0.18 dB) and
Good Phase Unbalance (3-6 deg.)
Excellent Amplitude and phase unbalance helps to accurately divide the input signals
which is essential in test and measurement circuits.
Small size
3.5mm x 2.5mm QFN package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable
transitions, and excellent thermal contact to the PCB.
Product Overview
Mini-Circuits EP2KA+ is a MMIC splitter/combiner designed for wide band operation from 10 to 43.5 GHz. This
model provides excellent amplitude unbalance in a tiny device package (3.5mm x 2.5mm). Manufactured using
GaAs IPD technology, it provides a high level of ESD protection and excellent reliability.
The Big Deal
• Ultra-Wide Bandwidth, 10-43.5 GHz
• Tiny Size, 3.5 mm x 2.5 mm
• Excellent Amplitude Unbalance, 0.18 dB typ.
Key Features
2 Way-0°
50Ω
10 to 43.5 GHz
EP2KA+


Similar Part No. - EP2KA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
EP2K MINI-EP2K Datasheet
417Kb / 4P
Power Splitter/Combiner
EP2K-D MINI-EP2K-D Datasheet
204Kb / 4P
Power Splitter/Combiner Die
EP2K-DF+ MINI-EP2K-DF+ Datasheet
204Kb / 4P
Power Splitter/Combiner Die
EP2K-DG+ MINI-EP2K-DG+ Datasheet
204Kb / 4P
Power Splitter/Combiner Die
EP2K-DP+ MINI-EP2K-DP+ Datasheet
204Kb / 4P
Power Splitter/Combiner Die
More results

Similar Description - EP2KA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com