Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2KA Datasheet(PDF) 2 Page - Mini-Circuits

Part # EP2KA
Description  Power Splitter/Combiner
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2KA Datasheet(HTML) 2 Page - Mini-Circuits

  EP2KA Datasheet HTML 1Page - Mini-Circuits EP2KA Datasheet HTML 2Page - Mini-Circuits EP2KA Datasheet HTML 3Page - Mini-Circuits EP2KA Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Power Splitter/Combiner
MMIC Surface Mount
Features
• Super wide bandwidth, 10 to 43.5 GHz
• Excellent amplitude unbalance, 0.18 dB typ.
• Small size, 3.5mm x 2.5 mm
• DC passing
Applications
• Military
• 5G
• Instrumentation
REV. OR
M167074
EP2KA+
RS/CP/AM
180716
Electrical Specifications1 at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Power Input (as a splitter)
1.25W
Internal Dissipation (as a combiner)
0.63W
DC Current
300 mA
Pad Connections
Function
Pad Number
SUM PORT
10
PORT 1
3
PORT 2
7
NC
2,5,8
GND
1,4,6,9 & Paddle
Permanent damage may occur if any of these limits are exceeded
2 Way-0°
50Ω
10 to 43.5 GHz
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
10
43.5
GHz
Insertion Loss above 3.0 dB
10 - 20
—
0.8
1.7
dB
20 - 25
—
0.5
1.0
25 - 30
—
0.9
2.1
30 - 40
—
1.5
2.8
40 - 43.5
—
2.2
—
Isolation
10 - 20
—
17
—
dB
20 - 25
19
26
—
25 - 30
17
22
—
30 - 40
17
26
—
40 - 43.5
—
29
—
Phase Unbalance
10 - 20
—
3.7
7.0
Degree
20 - 25
—
4.7
8.0
25 - 30
—
6.1
9.0
30 - 40
—
9.3
—
40 - 43.5
—
9.6
—
Amplitude Unbalance
10 - 20
—
0.13
0.3
dB
20 - 25
—
0.18
0.4
25 - 30
—
0.22
0.5
30 - 40
—
0.36
0.7
40 - 43.5
—
0.57
—
VSWR (Port S)
10 - 20
1.6
:1
20 - 25
1.1
25 - 30
1.4
30 - 40
1.4
40 - 43.5
1.5
VSWR (Port 1-2)
10 - 20
1.3
:1
20 - 25
1.2
25 - 30
1.3
30 - 40
1.4
40 - 43.5
1.4
Simplified Electrical Schematic
1. Tested on Mini-Circuits Test Board MB-029
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: JV2579-1
EP2KA+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com