Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8305 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8305
Description  Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8305 Datasheet HTML 1Page - Integrated Device Technology ICS8305 Datasheet HTML 2Page - Integrated Device Technology ICS8305 Datasheet HTML 3Page - Integrated Device Technology ICS8305 Datasheet HTML 4Page - Integrated Device Technology ICS8305 Datasheet HTML 5Page - Integrated Device Technology ICS8305 Datasheet HTML 6Page - Integrated Device Technology ICS8305 Datasheet HTML 7Page - Integrated Device Technology ICS8305 Datasheet HTML 8Page - Integrated Device Technology ICS8305 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Low Skew, 1-to-4 Multiplexed Differential/
LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
ICS8305AG REVISION C MAY 30, 2014
1
©2014 Integrated Device Technology, Inc.
DATA SHEET
ICS8305
General Description
The ICS8305 is a low skew, 1-to-4, Differential/ LVCMOS-to-
LVCMOS/LVTTL Fanout Buffer. The ICS8305 has selectable clock
inputs that accept either differential or single ended input levels. The
clock enable is internally synchronized to eliminate runt pulses on
the outputs during asynchronous assertion/deassertion of the clock
enable pin. Outputs are forced LOW when the clock is disabled. A
separate output enable pin controls whether the outputs are in the
active or high impedance state.
Guaranteed output and part-to-part skew characteristics make the
ICS8305 ideal for those applications demanding well defined
performance and repeatability.
Features
• Four LVCMOS / LVTTL outputs, 7output impedance
• Selectable differential or LVCMOS / LVTTL clock inputs
• CLK, nCLK pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL, SSTL
• LVCMOS_CLK supports the following input types: LVCMOS,
LVTTL
• Maximum output frequency: 350MHz
• Output skew: 35ps (maximum)
• Part-to-part skew: 700ps (maximum)
• Additive phase jitter, RMS: 0.04ps (typical)
• Power supply modes:
Core/Output
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
3.3V/1.5V
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
Block Diagram
Pin Assignment
ICS8305
16-Lead TSSOP
4.4mm x 3.0mm x 0.925mm package body
G Package
Top View
LVCMOS_CLK
CLK
nCLK
CLK_SEL
Q0
Q1
Q2
Q3
0
1
CLK_EN
OE
D
Q
LE
0
1
Pullup
Pullup
Pullup
Pulldown
Pulldown
Pullup/
Pulldown
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LVCMOS_CLK
CLK_SEL
nCLK
CLK
CLK_EN
VDD
OE
GND
Q0
VDDO
Q1
GND
Q2
VDDO
Q3
GND


Similar Part No. - ICS8305

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305 ICST-ICS8305 Datasheet
213Kb / 16P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B FEBRUARY 26, 2004
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305 Datasheet
2Mb / 17P
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
logo
Integrated Circuit Syst...
ICS83052AGI ICST-ICS83052AGI Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83052AGI-01 ICST-ICS83052AGI-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83052AGILF ICST-ICS83052AGILF Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
More results

Similar Description - ICS8305

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8305 ICST-ICS8305 Datasheet
213Kb / 16P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B FEBRUARY 26, 2004
ICS8305I ICST-ICS8305I Datasheet
210Kb / 15P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 19, 2005
logo
Integrated Device Techn...
ICS8305 IDT-ICS8305 Datasheet
2Mb / 17P
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
logo
Texas Instruments
LMK00804B TI1-LMK00804B Datasheet
2Mb / 32P
Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/TTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
ICS8305I-02 RENESAS-ICS8305I-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
2019
ICS8305I RENESAS-ICS8305I Datasheet
460Kb / 17P
LOW SKEW, 1-TO-4, MULTIPLEXED DIFFERENTIAL/ LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
SEPTEMBER 17, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com