Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8305 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8305
Description  Low Skew, 1-to-4 Multiplexed Differential/LVCMOS-to-LVCMOS/LVTTL Fanout Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8305 Datasheet HTML 6Page - Integrated Device Technology ICS8305 Datasheet HTML 7Page - Integrated Device Technology ICS8305 Datasheet HTML 8Page - Integrated Device Technology ICS8305 Datasheet HTML 9Page - Integrated Device Technology ICS8305 Datasheet HTML 10Page - Integrated Device Technology ICS8305 Datasheet HTML 11Page - Integrated Device Technology ICS8305 Datasheet HTML 12Page - Integrated Device Technology ICS8305 Datasheet HTML 13Page - Integrated Device Technology ICS8305 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICS8305 Data Sheet
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8305AG REVISION C MAY 30, 2014
10
©2014 Integrated Device Technology, Inc.
Parameter Measurement Information, continued
Part-to-Part Skew
Output Rise/Fall Time
Output Duty Cycle/Pulse Width/Period
Propagation Delay
Qx
Qy
tsk(pp)
V
DDO
2
V
DDO
2
Part 1
Part 2
Clock
Outputs
20%
80%
80%
20%
tR
t F
Q0:Q3
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
t
PD
V
DDO
2
➤
V
DDO
2
Q0:Q3
nCLK
CLK
LVCMOS_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com