Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950223 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS950223 Datasheet HTML 6Page - Integrated Circuit Systems ICS950223 Datasheet HTML 7Page - Integrated Circuit Systems ICS950223 Datasheet HTML 8Page - Integrated Circuit Systems ICS950223 Datasheet HTML 9Page - Integrated Circuit Systems ICS950223 Datasheet HTML 10Page - Integrated Circuit Systems ICS950223 Datasheet HTML 11Page - Integrated Circuit Systems ICS950223 Datasheet HTML 12Page - Integrated Circuit Systems ICS950223 Datasheet HTML 13Page - Integrated Circuit Systems ICS950223 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
I
2
C Table: Frequency Select Register
Bit 7
FS Source
Frequency H/W IIC
Select
RW
Latch Inputs
IIC
0
Bit 6
FS6
Freq Select Bit 6
RW
0
Bit 5
FS5
Freq Select Bit 5
RW
0
Bit 4
FS4
Freq Select Bit 4
RW
0
Bit 3
FS3
Freq Select Bit 3
RW
0
Bit 2
FS2
Freq Select Bit 2
RW
0
Bit 1
FS1
Freq Select Bit 1
RW
0
Bit 0
FS0
Freq Select Bit 0
RW
0
I
2
C Table: Spreading and Device Behavior Control Register
Bit 7
SS1
Spread Select 1
RW
0
Bit 6
SS0
Spread Select 0
RW
0
Bit 4
WDS_Status
WD Soft Alarm Status
RW
Normal
Alarm
0
Bit 3
Reserved
Reserved
RW
-
-
1
Bit 2
CPUT2/CPUC2
Output Control
RW
Disable
Enable
1
Bit 1
CPUT1/CPUC1
Output Control
RW
Disable
Enable
1
Bit 0
CPUT0/CPUC0
Output Control
RW
Disable
Enable
1
SS_EN
Spread Enable Control
RW
OFF
Control Function
Type
0
1
1PWD
0
See Table 1: QuadRom
Frequency Selection Table
PWD
See Table 2: Spread
Spectrum Table
ON
1
Name
Type
-
Byte 0
-
-
-
Pin #
Control Function
-
-
-
Name
-
-
45/44
-
-
Byte 1
Pin #
Bit 5
-
38/37
41/40
Table2: Spread Spectrum Select
SS1
SS0
(Byte 1 bit 7)
(Byte 1 bit 6)
0
0
0.35%
Spread 1
0
1
0.50%
Spread 2
1
0
0.75%
Spread 3
1
1
1.00%
Spread 4
Spread %
Note
I
2
C Table: Output Control Register
Bit 7
AEN#
3V66/PCI Freq Source
Select
RW
CPU_PLL
Sync
FIX_PLL
Async
0
Bit 6
PCICLK9
Output Control
RW
Disable
Enable
1
Bit 5
PCICLK8
Output Control
RW
Disable
Enable
1
Bit 4
PCICLK7
Output Control
RW
Disable
Enable
1
Bit 3
PCICLK6
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK5
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK4
Output Control
RW
Disable
Enable
1
Bit 0
PCICLK3
Output Control
RW
Disable
Enable
1
1PWD
12
11
Name
Control Function
Type
0
17
16
-
Byte 2
Pin #
15
14
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com