Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950223 Datasheet(PDF) 20 Page - Integrated Circuit Systems

Part # ICS950223
Description  Programmable Timing Control Hub for P4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950223 Datasheet(HTML) 20 Page - Integrated Circuit Systems

Back Button ICS950223 Datasheet HTML 16Page - Integrated Circuit Systems ICS950223 Datasheet HTML 17Page - Integrated Circuit Systems ICS950223 Datasheet HTML 18Page - Integrated Circuit Systems ICS950223 Datasheet HTML 19Page - Integrated Circuit Systems ICS950223 Datasheet HTML 20Page - Integrated Circuit Systems ICS950223 Datasheet HTML 21Page - Integrated Circuit Systems ICS950223 Datasheet HTML 22Page - Integrated Circuit Systems ICS950223 Datasheet HTML 23Page - Integrated Circuit Systems ICS950223 Datasheet HTML 24Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Integrated
Circuit
Systems, Inc.
ICS950223
0496C—05/06/05
Electrical Characteristics - 3V66
T
A = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO1
66.6
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.9
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.7
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
51.5
55
%
Skew
tsk1
1
VT = 1.5 V
71
250
ps
Jitter
tadditive
1
VT = 1.5 V
105
250
ps
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO1
48
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
V OH@MIN = 1.0 V,
-29
Output High Current
IOH
1
V OH@MAX = 3.135 V
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
29
27
mA
48MHz Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1
2
ns
48MHz Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1
2
ns
24MHz Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
1.3
2
ns
24MHz Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
1.4
2
ns
48 MHz Duty Cycle
dt1
1
VT = 1.5 V
45
52.3
55
%
24MHz Duty Cycle
dt1
1
VT = 1.5 V
45
50.2
55
%
48 MHz Jitter
tjcyc-cyc
1
VT = 1.5 V
139
350
ps
24MHz Jitter
tjcyc-cyc
1
VT = 1.5 V
123
350
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com